| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5466 Fiches technique(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5466 Fiches technique(HTML) 84 Page - STMicroelectronics |
|
84 / 130 page ![]() STLC5466 84/130 Figure 1-2: Variable delay through the matrix with ITDM=1 1)case: If OTSy > ITSx + 2, then Variable Delay is: OTSy - ITSx Time slots ITS0 ITS31 OTS31 ITS31 ITS0 Input Output (OTSy -ITSx) ITSx ITSx+1 ITSx+2 OTSy y > x+ 2 Variable Delay 2)case: If ITSx ≤ OTSy ≤ ITSx+2, then Variable Delay is: OTSy-ITSx+32 Time slots ITS0 ITS31 OTS31 ITS31 ITS0 Input Output ITSx ITSx+1 ITSx+2 OTSy Variable Delay: OTSy OTSy - ITSx + 32 Timeslots 32 Timeslots 3)case: If OTSy < ITSx, then Variable Delay is: 32 - (ITSx - OTSy) Time slots ITS0 ITS31 OTS31 ITS31 ITS0 Input Output ITSx OTSy y < x Variable Delay: OTSy 32 - (ITSx - OTSy) Timeslots 32 Timeslots ITSx ITSx OTS0 OTS0 OTS0 Frame n Frame n + 1 x ≤ y ≤ x+2 Frame Frame Frame Frame Frame Frame |