Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5466 Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 83Page - STMicroelectronics STLC5466 Datasheet HTML 84Page - STMicroelectronics STLC5466 Datasheet HTML 85Page - STMicroelectronics STLC5466 Datasheet HTML 86Page - STMicroelectronics STLC5466 Datasheet HTML 87Page - STMicroelectronics STLC5466 Datasheet HTML 88Page - STMicroelectronics STLC5466 Datasheet HTML 89Page - STMicroelectronics STLC5466 Datasheet HTML 90Page - STMicroelectronics STLC5466 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 130 page
background image
87/130
STLC5466
Figure 1-5: Downstream switching at 32 kb/s
dout 4
din 0
dout 2
din 2
Internal
commands
Switching
at 32 kb/s
dout 5
din 1
dout 3
din 3
DIN0
din2
dout2
dout4
Internal
command
If SW0=1
DOUT4
(GCI 0)
3.9ms
4 bit shifting
DOUT 5
DOUT 4
DIN0
DIN2 not used
DIN 1
DIN3 not used
MULTI HDLC STLC 5466
SW0=1
SW1=1
4 bit shifting
(GCI 0)
(GCI 1)
DOUT2
DOUT3
a
b
Free
c
Free
Free
MON
D C/I
D
de
a
a
a
b
b
b
c
c
c
d
d
d
e
C/I
AE
B1
B2
MON
D
C/I AE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More