| Moteur de recherche de fiches techniques de composants électroniques |
|
STLC5466 Fiches technique(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5466 Fiches technique(HTML) 93 Page - STMicroelectronics |
|
93 / 130 page ![]() 93/130 STLC5466 Figure 1-11: From ISDN channels to GCI channels TDM 0, 2 if PCM at 4 Mb/s GCI side DOUT4/5 DESCRAMBLER up to 32 SWITCHING MATRIX TX MON controller up to 16 primitives C/I interrupt Queue, located in shared memory Microprocessor AIS Detection up to 16 ISDN channels Interrupt controller TX C/I controller up to 16 primitives SCR A, E, S1 to S4 B1, B2 by timeslot Extension RX C/I controller up to 16 ISDN channels B1, B2 D A, E, MON C/I B1, B2 (16 bits) |