| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 361 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 361 Page - SIMCom |
|
361 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 361 2015-08-03 20.5 SIM Toolkit Commands Please refer to SIM800 Series_STK_Application Note.DOC 20.6 Audio Commands Demonstration Syntax Expect Result DTMF tones AT+CLDTMF=2, "1,2,3,4,5" OK AT+CLDTMF=2,”A,B ,C,D,E,F”,50 OK 20.7 SMS Commands Demonstration Syntax Expect Result Set SMS system into text mode, as opposed to PDU mode. AT+CMGF=1 OK Send an SMS to myself. AT+CSCS="GSM" AT+CMGS="+861391 818xxxx" >This is a test <Ctrl+Z> OK +CMGS:34 OK Unsolicited notification of the SMS arriving +CMTI: "SM",1 Read SMS message that has just arrived. Note: the number should be the same as that given in the +CMTI notification. AT+CMGR=1 +CMGR: "REC UNREAD", "+8613918186089", "","02 /01/30,20:40:31+00" This is a test OK Reading the message again and change the status to "READ” from ”UNREAD” AT+CMGR=1 +CMGR: "REC READ", "+8613918186089","", "02/01/30,20:40:31+00" This is a test OK Send another SMS to myself. AT+CMGS="+861391 818xxxx" >Test again<Ctrl+Z> +CMGS:35 OK Unsolicited notification of the SMS arriving +CMTI: "SM",2 List all SMS messages. AT+CMGL="ALL" +CMGL: 1, "REC |