| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 360 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 360 Page - SIMCom |
|
360 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 360 2015-08-03 an incoming call (incoming call accepts waiting status), place active call on hold and switch to incoming call. Switch between both calls, placing each in the hold state whilst the other is active before terminating each one. This feature relies on knowing each call’s ID. This is done using the List Current Calls (AT+CLCC) Command. A call’s ID is required to switch between held and active calls. Held calls are not automatically resumed when all other calls are terminated. They need to be made active using the AT+CHLD=2x Command. Note call waiting must have been previously enabled for this demonstration to work. <RX incoming call> AT+CHLD=2 AT+CHLD=21 AT+CLCC AT+CHLD=22 AT+CHLD=12 AT+CHLD=11 +CCWA: "1391818 6089",129,1,"" OK <incoming call activated, original on hold> OK <original call activated, incoming call held> +CLCC:1,0,0,0,0,"62 418148",129,"" +CLCC:2,1,1,0,0, "139 18186089",129, "" OK <Note incoming call held flag set> OK <original call held, incoming call active> OK <terminate incoming call> <terminate original call> Send busy status to incoming waiting caller. Establish a voice call from EVB, receive an incoming call (incoming call accepts waiting status), send ‘busy’ status to waiting mobile. Note call waiting must have been previously enabled for this demonstration to work. ATD6241xxxx; <RX incoming call> AT+CHLD=0 OK RING +CCWA: "1391818 6089",129,1,"" OK OK <incoming call sent busy msg, current call retained> Drop all calls on hold. Establish a voice call from EVB, receive an incoming call (incoming call accepts waiting status), switch to incoming call and drop all waiting calls. Note call waiting must have been previously enabled for this demonstration to work. ATD6241xxxx; <RX incoming call> AT+CHLD=2 AT+CHLD=0 OK RING +CCWA: "1391818 6089",129,1,"" OK <incoming call actived, original on hold> OK <incoming call actived, current call terminate> |