| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 168 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 168 Page - SIMCom |
|
168 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 168 2015-08-03 6.2.28 AT+CCPD Enable or Disable Alpha String AT+CCPD Enable or Disable Alpha String Response +CCPD: (0,1) OK Test Command AT+CCPD=? Parameter See Write Command Response +CCPD: <mode> OK Read Command AT+CCPD? Parameter See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CCPD=<mo de> Parameter <mode> 0 Disable to present alpha string 1 Enable to present alpha string Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note 6.2.29 AT+CGID Get SIM Card Group Identifier AT+CGID Get SIM Card Group Identifier Response +GID: <gid1>,<gid2> OK If error is related to ME functionality: +CME ERROR: <err> Execution Command AT+CGID Parameters <gid1> Integer type of SIM card group identifier 1 <gid2> Integer type of SIM card group identifier 2 Parameter Saving NO_SAVE |