| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 124 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 124 Page - SIMCom |
|
124 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 124 2015-08-03 3GPP TS 27.005 4.2.8 AT+CNMI New SMS Message Indications AT+CNMI New SMS Message Indications Response +CNMI: (list of supported <mode>s),(list of supported <mt>s),(list of supported <bm>s),(list of supported <ds>s),(list of supported <bfr>s) OK Test Command AT+CNMI=? Parameters See Write Command Response +CNMI: <mode>,<mt>,<bm>,<ds>,<bfr> OK Read Command AT+CNMI? Parameters See Write Command Response TA selects the procedure for how the receiving of new messages from the network is indicated to the TE when TE is active, e.g. DTR signal is ON. If TE is inactive (e.g. DTR signal is OFF), message receiving should be done as specified in GSM 03.38. OK ERROR Write Command AT+CNMI=<mo de>[,<mt>[,<bm >[,<ds>[,<bfr>]]] ] Parameters <mode> 0 Buffer unsolicited result codes in the TA. If TA result code buffer is full, indications can be buffered in some other place or the oldest indications may be discarded and replaced with the new received indications. 1 Discard indication and reject new received message unsolicited result codes when TA-TE link is reserved (e.g. in on-line data mode). Otherwise forward them directly to the TE. 2 Buffer unsolicited result codes in the TA when TA-TE link is reserved (e.g. in on-line data mode) and flush them to the TE after reservation. Otherwise forward them directly to the TE. 3 Forward unsolicited result codes directly to the TE. TA-TE link specific inband technique used to embed result codes and data when TA is in on-line data mode. <mt> (the rules for storing received SMs depend on its data coding scheme (refer GSM 03.38 [2]), preferred memory storage (+CPMS) setting and this value): 0 No SMS-DELIVER indications are routed to the TE. |