Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 114 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 114 Page - SIMCom

Back Button SIM800 Datasheet HTML 110Page - SIMCom SIM800 Datasheet HTML 111Page - SIMCom SIM800 Datasheet HTML 112Page - SIMCom SIM800 Datasheet HTML 113Page - SIMCom SIM800 Datasheet HTML 114Page - SIMCom SIM800 Datasheet HTML 115Page - SIMCom SIM800 Datasheet HTML 116Page - SIMCom SIM800 Datasheet HTML 117Page - SIMCom SIM800 Datasheet HTML 118Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
114
2015-08-03
TA sets parameter to denote which input and output format of messages to
use.
OK
AT+CMGF=[<m
ode>]
Parameter
<mode>
0 PDU mode
1 Text mode
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
3GPP TS 27.005
Note
4.2.3 AT+CMGL
List SMS Messages from Preferred Store
AT+CMGL
List SMS Messages from Preferred Store
Response
+CMGL: (list of supported <stat>s)
OK
Test Command
AT+CMGL=?
Parameter
See Write Command
Parameters
1) If text mode:
<stat>
"REC UNREAD" Received unread messages
"REC READ"
Received read messages
"STO UNSENT"
Stored unsent messages
"STO SENT"
Stored sent messages
"ALL"
All messages
<mode>
0 Normal
1 Not change status of the specified SMS record
2) If PDU mode:
<stat>
0 Received unread messages
1 Received read messages
2 Stored unsent messages
3 Stored sent messages
4 All messages
<mode>
0 Normal
1 Not change status of the specified SMS record
Write Command
AT+CMGL=<sta
t>[,<mode>]
Response
TA returns messages with status value <stat> from message storage
<mem1> to the TE. If status of the message is 'received unread', status in the
storage changes to 'received read'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More