Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 44Page - STMicroelectronics AN3128 Datasheet HTML 45Page - STMicroelectronics AN3128 Datasheet HTML 46Page - STMicroelectronics AN3128 Datasheet HTML 47Page - STMicroelectronics AN3128 Datasheet HTML 48Page - STMicroelectronics AN3128 Datasheet HTML 49Page - STMicroelectronics AN3128 Datasheet HTML 50Page - STMicroelectronics AN3128 Datasheet HTML 51Page - STMicroelectronics AN3128 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
48/105
Doc ID 16918 Rev 5
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Checkbox Object and add it with specified coordinates to
a Page Object */
GL_PageControls_TypeDef* CheckBox = NewCheckbox("CheckBox", "Enable", CheckboxFunc);
AddPageControlObj( (uint16_t)((LCD_Width/10)*7), (uint8_t)((LCD_Height/9)*3),
CheckBox, &page1);
...
GL_bool checkboxStatus = GetObjStatus( &page1, "CheckBox" );
4.1.27
ShowPage API global function
Table 32 describes the ShowPage function:
Example
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
GL_PageControls_TypeDef* pageLabel = NewLabel( "pageLabel", "Graphic Library",
GL_HORIZONTAL, GL_FONT_BIG, GL_Blue);
AddPageControlObj((uint16_t)((LCD_Width/11)*9),(uint8_t)(LCD_Height/11),pageLabel,
&page1);
GL_PageControls_TypeDef* Button1 = NewButton( "Button1", "BUTTON1", NullFunc );
AddPageControlObj((uint16_t)((LCD_Width/10)*6),(uint8_t)((LCD_Height/9)*5), Button1,
&page1);
GL_PageControls_TypeDef* Button2 = NewButton( "Button2", "BUTTON2", NullFunc );
AddPageControlObj((uint16_t)((LCD_Width/10)*6),(uint8_t)((LCD_Height/9)*7), Button2,
&page1);
...
GL_Clear(White);
GL_SetTextColor(GL_Blue);
page1.ShowPage( &page1, GL_TRUE );
Table 32.
ShowPage API function
Name
Description
Function name
ShowPage
Function prototype
GL_ErrStatus ShowPage(GL_Page_TypeDef* pPage, GL_bool bVal)
Behavior description
GL_TRUE show / GL_FALSE hide the page
Input parameter {x}
*pPage: pointer to page structure
bVal: GL_TRUE or GL_FALSE
Output parameter {x}
None
Return value
GL_OK if successful, GL_ERROR otherwise
Required preconditions None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More