Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 21Page - STMicroelectronics AN3128 Datasheet HTML 22Page - STMicroelectronics AN3128 Datasheet HTML 23Page - STMicroelectronics AN3128 Datasheet HTML 24Page - STMicroelectronics AN3128 Datasheet HTML 25Page - STMicroelectronics AN3128 Datasheet HTML 26Page - STMicroelectronics AN3128 Datasheet HTML 27Page - STMicroelectronics AN3128 Datasheet HTML 28Page - STMicroelectronics AN3128 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
25/105
Figure 14, 15, 16, show, in detail, the button object properties and methods which the final
application can use to interact with.
4.1.3
NewCheckbox API global function
The checkbox object follows a Boolean principle so its value can be defined in a binary way
(0/1).
A typical example of this kind of object could be enable/disable a variable concerning a
specified feature/option.
Figure 7.
Checkbox graphical layout
Table 8 describes the NewCheckbox function:
Example
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Checkbox Object and add it with specified coordinates to
a Page Object */
GL_PageControls_TypeDef* CheckBox = NewCheckbox("CheckBox", "Enable", CheckboxFunc);
AddPageControlObj((uint16_t)((LCD_Width/10)*7),(uint8_t)((LCD_Height/9)*4),CheckBox,
&page1);
Once a checkbox object instance is created using the NewCheckbox function, the checkbox
object itself provides all its features through its internal function pointers.
Figure 14, 15, 16, show, in detail, the Checkbox object properties and methods which the
final application can use to interact with.
Table 8.
NewCheckbox API function
Name
Description
Function name
NewCheckbox
Function prototype
GL_PageControls_TypeDef* NewCheckbox (char* oName, char* Label,
void* (*pEventHandler)(void))
Behavior description
Create and initialize a new Label Object (a C structure)
Input parameter {x}
oName: object name
Label: Label for the checkbox
pEventHandler: pointer to function associated to its touch event
Output parameter {x}
None
Return value
The created object pointer or null if the object cannot be created
Required preconditions
None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More