Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 8Page - STMicroelectronics AN3128 Datasheet HTML 9Page - STMicroelectronics AN3128 Datasheet HTML 10Page - STMicroelectronics AN3128 Datasheet HTML 11Page - STMicroelectronics AN3128 Datasheet HTML 12Page - STMicroelectronics AN3128 Datasheet HTML 13Page - STMicroelectronics AN3128 Datasheet HTML 14Page - STMicroelectronics AN3128 Datasheet HTML 15Page - STMicroelectronics AN3128 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 105 page
background image
Touchscreen controller hardware description
AN3128
12/105
Doc ID 16918 Rev 5
Figure 1.
STMPE811 functional block diagram
2.4
Touchscreen controller
The STMPE811 is integrated with a hard-wired touchscreen controller for a 4-wire resistive
type touchscreen. The touchscreen controller is able to operate completely autonomously,
and interrupts the connected CPU only when a pre-defined event occurs.
Figure 2.
Touchscreen controller block diagram
AM08448v1
s
Movement
and
window tracking
10/12 bit
ADC
Switch
and
drivers
Driver
and
switch control
FIFO
and
interrupt control
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More