| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3128 Fiches technique(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 Fiches technique(HTML) 85 Page - STMicroelectronics |
|
85 / 105 page ![]() AN3128 Multi-input embedded GUI library firmware Doc ID 16918 Rev 5 85/105 4.6.29 GL_JOY_Interface_Init HAL function Table 68 describes the GL_JOY_Interface_Init function of the hardware abstraction layer. 4.6.30 GL_JoyStickConfig_IOExpander HAL function Table 69 describes the GL_JoyStickConfig_IOExpander function of the hardware abstraction layer. 4.6.31 GL_JoyStickConfig_GPIO HAL function Table 70 describes the GL_JoyStickConfig_ GPIO function of the hardware abstraction layer. Table 68. GL_JOY_Interface_Init Name Description Function name GL_JOY_Interface_Init Function prototype GL_uint32_t GL_JOY_Interface_Init (void) Behavior description Initializes the IO expander registers Input parameter {x} None Output parameter {x} None Return value 0: if all initializations are OK Required preconditions None Called functions JOY_IOExpander_Init() Table 69. GL_JoyStickConfig_IOExpander Name Description Function name GL_JoyStickConfig_IOExpander Function prototype void GL_JoyStickConfig_IOExpander(void) Behavior description Initializes the IO expander for joystick operations Input parameter {x} None Output parameter {x} None Return value None Required preconditions None Called functions None Table 70. GL_JoyStickConfig_GPIO Name Description Function name GL_JoyStickConfig_GPIO Function prototype void GL_JoyStickConfig_GPIO(void) Behavior description Configures the GPIO ports pins concerned with the joystick. |