Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 42Page - STMicroelectronics AN3128 Datasheet HTML 43Page - STMicroelectronics AN3128 Datasheet HTML 44Page - STMicroelectronics AN3128 Datasheet HTML 45Page - STMicroelectronics AN3128 Datasheet HTML 46Page - STMicroelectronics AN3128 Datasheet HTML 47Page - STMicroelectronics AN3128 Datasheet HTML 48Page - STMicroelectronics AN3128 Datasheet HTML 49Page - STMicroelectronics AN3128 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
46/105
Doc ID 16918 Rev 5
4.1.24
SetHistogramPoints API global function
Table 29 describes the SetHistogramPoints function:
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Histogram Object and add it to a Page Object */
MyHistogram = NewHistogram ("MyHistogram", "Hours", "Watt", points, 24);
AddPageControlObj( 0, 0, MyHistogram, &page1 );
...
MyHistogramPoints ={1,2,3,4,5,6,7,8,9,10,11,12,13,14,15,16,17,18,19,20,21,22,23,24};
SetHistogramPoints( &page1, "MyHistogram", MyHistogramPoints, 24 );
Figure 14, 15, 16, show, in detail, the histogram object properties and methods which the
final application can use to interact with.
4.1.25
SetGraphChartPoints API global function
Table 30 describes the SetGraphChartPoints function:
Table 29.
SetHistogramPoints API function
Name
Description
Function name
SetHistogramPoints
Function prototype
GL_ErrStatus SetHistogramPoints(GL_Page_TypeDef* pPage,char*
objName,int16_tdata_points[],GL_uint8_t n_points)
Behavior description
Modify the points array of the histogram object
Input parameter {x}
*pPage: pointer to page structure
objName: name of the object
data_points[]: the array of points to be plotted on the LCD
n_points: number of points to be plotted
Output parameter {x}
None
Return value
GL_OK if successful, GL_ERROR otherwise
Required preconditions
None
Called functions
No API/HAL layer functions
Table 30.
SetGraphChartPoints API function
Name
Description
Function name
SetGraphChartPoints
Function prototype
GL_ErrStatus SetGraphChartPoints(GL_Page_TypeDef* pPage,char*
objName,int16_tdata_points[],GL_uint8_t n_points);
Behavior description
Modify the points array of the GraphChart object



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More