Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 26Page - STMicroelectronics AN3128 Datasheet HTML 27Page - STMicroelectronics AN3128 Datasheet HTML 28Page - STMicroelectronics AN3128 Datasheet HTML 29Page - STMicroelectronics AN3128 Datasheet HTML 30Page - STMicroelectronics AN3128 Datasheet HTML 31Page - STMicroelectronics AN3128 Datasheet HTML 32Page - STMicroelectronics AN3128 Datasheet HTML 33Page - STMicroelectronics AN3128 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
30/105
Doc ID 16918 Rev 5
Table 13 describes the NewComboBoxGrp function:
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a ComboBoxGroup Object and add it with specified
coordinates to a Page Object */
GL_PageControls_TypeDef* MyComboGrp = NewComboBoxGrp("MyComboGrp");
AddPageControlObj((uint16_t)((LCD_Width/10)*8),(uint8_t)(LCD_Height/2),MyComboGrp,
&page1);
Once a ComboBoxGrp object instance is created using the NewComboBoxGrp function, the
ComboBoxGrp object itself provides all its features through its internal function pointers.
Figure 14, 15, 16, show, in detail, the ComboBoxGrp object properties and methods which
the final application can use to interact with.
4.1.9
AddComboOption API global function
Table 14 describes the AddComboOption function:
Table 13.
NewComboBoxGrp API function
Name
Description
Function name
NewComboBoxGrp
Function prototype
GL_PageControls_TypeDef* NewComboBoxGrp (char* oName)
Behavior description
Create and initialize a new
ComboBoxGrp object (a C structure)
Input parameter {x}
oName: object name
Output parameter {x}
None
Return value
The created object pointer or null if the object cannot be created
Required preconditions
None
Called functions
No API/HAL layer functions
Table 14.
AddComboOption API function
Name
Description
Function name
AddComboOption
Function prototype
GL_ErrStatus AddComboOption (GL_ComboBoxGrp_TypeDef* pThis,
char* Label, void* (*pEventHandler)(void))
Behavior description
Create and initialize a new ComboBoxOption object (a C structure)
Input parameter {x}
GL_ComboBoxGrp_TypeDef*: pThis
Label: Label for RadioButton option
pEventHandler: pointer to function associated to its touch event
Output parameter {x}
None
Return value
GL_OK if successful, GL_ERROR otherwise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More