| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3128 Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 52/105 Doc ID 16918 Rev 5 4.1.31 Set_LCD_Resolution API global function Table 36 describes the Set_LCD_Resolution function: Example: int main(void) { ... Set_LCD_Resolution( 640, 480 ); GL_LCD_Init(); GL_Clear(White); ... } 4.1.32 Set_LastFlashMemoryAddress API global function Table 37 describes the Set_LastFlashMemoryAddress function: Table 36. Set_LCD_Resolution API global function Name Description Function name Set_LCD_Resolution Function prototype void Set_LCD_Resolution (uint16_t Lcd_Width, uint16_t Lcd_Height) Behavior description Set LCD panel resolution Input parameter {x} uint16_t Lcd_Width: width of the LCD Panel uint16_t Lcd_Height: height of the LCD Panel Output parameter {x} None Return value None Required preconditions None Called functions No API/HAL layer functions Table 37. Set_LastFlashMemoryAddress API global function Name Description Function name Set_LastFlashMemoryAddress Function prototype void Set_LastFlashMemoryAddress (uint32_t address) Behavior description Set the last Flash memory address. This address is used to calculate the penultimate Flash memory page, where the calibration parameters are saved. Input parameter {x} uint32_t address: pointer to the last memory location Output parameter {x} None Return value None Required preconditions None Called functions No API/HAL layer functions |