Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 35Page - STMicroelectronics AN3128 Datasheet HTML 36Page - STMicroelectronics AN3128 Datasheet HTML 37Page - STMicroelectronics AN3128 Datasheet HTML 38Page - STMicroelectronics AN3128 Datasheet HTML 39Page - STMicroelectronics AN3128 Datasheet HTML 40Page - STMicroelectronics AN3128 Datasheet HTML 41Page - STMicroelectronics AN3128 Datasheet HTML 42Page - STMicroelectronics AN3128 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
39/105
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Label Object and add it with specified coordinates to a
Page Object */
GL_PageControls_TypeDef* pageLabel = NewLabel("pageLabel", "Graphic Library",
GL_HORIZONTAL, GL_FONT_BIG, GL_Blue);
AddPageControlObj((uint16_t)((LCD_Width/11)*9), (uint8_t)(LCD_Height/11), pageLabel,
&page1);
/* Modify the label in a "Label Object" */
Set_Label(&page1, "pageLabel", "Graphic Library New")
Figure 14, 15, 16, show, in detail, the Label Object properties and methods which the final
application can use to interact with.
4.1.17
Get_Label API global function
Table 22 describes the Get_Label function:
Input parameter {x}
pPage: pointer to page structure
objName: name of the object
Label: text on a Label Object
Output parameter {x}
None
Return value
GL_OK if successful, GL_ERROR otherwise
Required preconditions None
Called functions
No API/HAL layer functions
Table 21.
Set_Label API function (continued)
Name
Description
Table 22.
Get_Label API function
Name
Description
Function name
Get_Label
Function prototype
GL_ErrStatus Get_Label (GL_Page_TypeDef* pPage, char* objName,
char* Label)
Behavior description
Return the Label of a Label Object
Input parameter {x}
*pPage: pointer to page structure
objName: name of the object
Output parameter {x}
Label: this is the variable where the Label of a Label Object is copied into
Return value
GL_OK if successful, GL_ERROR otherwise
Required preconditions None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More