Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 70 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 70 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 66Page - STMicroelectronics AN3128 Datasheet HTML 67Page - STMicroelectronics AN3128 Datasheet HTML 68Page - STMicroelectronics AN3128 Datasheet HTML 69Page - STMicroelectronics AN3128 Datasheet HTML 70Page - STMicroelectronics AN3128 Datasheet HTML 71Page - STMicroelectronics AN3128 Datasheet HTML 72Page - STMicroelectronics AN3128 Datasheet HTML 73Page - STMicroelectronics AN3128 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
70/105
Doc ID 16918 Rev 5
4.3.6
Push user button:: pBtnParam API properties
JoyHal.c exports the following public structure variable:
BTN_HW_Parameters_TypeDef* pBtnParam; /*Push Button Hardware Parameters Structure */
pBtnParam properties allow setting the hardware communication parameters (GPIO port,
GPIO pins).
●
BTN_PortSource selects the GPIO port to be used as source for event output for the
push button
●
BTN_PinSource is the GPIO pin for the event output
●
BTN_Exti_IrqChannel selects the external line interrupts
●
BTN_Exti_Line selects the external interrupt line which the push button is connected to
●
BTN_Port is the GPIO port needed for the communication between push button and
micro
●
BTN_Pin is the GPIO pin needed for the communication between push button and
micro
Some examples are listed below:
File: hw_config.h
// Push Button DEFINES
#define BUTTON_GPIO_PORT
GPIOG
#define BUTTON_GPIO_PIN
GPIO_Pin_8
BTN_HW_Parameters_TypeDef * pBtnParam;
File: hw_config.c
void HWConfig_SetHardwareParams(void)
{
...
pBtnParam = NewBtnHwParamObj ();
/* Assign the following values for Button Parameters structure*/
pBtnParam->BTN_Port = USER_BUTTON_PORT;
pBtnParam->BTN_Pin
= USER_BUTTON_PIN;
...
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More