Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 84 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 84 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 80Page - STMicroelectronics AN3128 Datasheet HTML 81Page - STMicroelectronics AN3128 Datasheet HTML 82Page - STMicroelectronics AN3128 Datasheet HTML 83Page - STMicroelectronics AN3128 Datasheet HTML 84Page - STMicroelectronics AN3128 Datasheet HTML 85Page - STMicroelectronics AN3128 Datasheet HTML 86Page - STMicroelectronics AN3128 Datasheet HTML 87Page - STMicroelectronics AN3128 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
84/105
Doc ID 16918 Rev 5
4.6.27
GL_EXTI_TSC_IRQHandler HAL function
Table 66 describes the GL_EXTI_TSC_IRQHandler function of the hardware abstraction
layer.
4.6.28
GL_TSC_Interface_Init HAL function
Table 67 describes the GL_TSC_Interface_Init function of the hardware abstraction layer.
Required preconditions None
Called functions
GPIO_EXTILineConfig (GPIO_PortSource, GPIO_PinSource)
Table 65.
GL_GPIO_EXTILineConfig (continued)
Name
Description
Table 66.
GL_EXTI_TSC_IRQHandler
Name
Description
Function name
GL_EXTI_TSC_IRQHandler
Function prototype
void GL_EXTI_TSC_IRQHandler (void)
Behavior description
This function handles external lines interrupt request for the touchscreen
Input parameter {x}
None
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
None
Table 67.
GL_TSC_Interface_Init
Name
Description
Function name
GL_TSC_Interface_Init
Function prototype
GL_uint32_t GL_TSC_Interface_Init (void)
Behavior description
Initializes the IO expander registers
Input parameter {x}
None
Output parameter {x}
None
Return value
0: if all initializations are OK
Required preconditions None
Called functions
TSC_IOExpander_Init()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More