Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 53Page - STMicroelectronics AN3128 Datasheet HTML 54Page - STMicroelectronics AN3128 Datasheet HTML 55Page - STMicroelectronics AN3128 Datasheet HTML 56Page - STMicroelectronics AN3128 Datasheet HTML 57Page - STMicroelectronics AN3128 Datasheet HTML 58Page - STMicroelectronics AN3128 Datasheet HTML 59Page - STMicroelectronics AN3128 Datasheet HTML 60Page - STMicroelectronics AN3128 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
57/105
Figure 16.
Firmware library HAL types
4.2
Graphic objects API types
This section describes the graphic object structures, and all their exported API functions and
defined types. See Figure 14, 15, 16.
Here is a description of the defined types used by graphic object source code and a
description of its properties and methods. All API layer types are defined in the file
GraphicObjectTypes.h.
The following structure types can be considered as OOP classes including private/public
properties and public methods. The final graphic objects are instances of these defined
structures.
These structure fields' parameters must not be directly accessed by the final application and
Getxxx/Setxxx methods should be used instead. Obviously the final application could
access these private members, but it should never do so.
The final application must interact with this library using the following public properties and
methods only, as described in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More