Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 73Page - STMicroelectronics AN3128 Datasheet HTML 74Page - STMicroelectronics AN3128 Datasheet HTML 75Page - STMicroelectronics AN3128 Datasheet HTML 76Page - STMicroelectronics AN3128 Datasheet HTML 77Page - STMicroelectronics AN3128 Datasheet HTML 78Page - STMicroelectronics AN3128 Datasheet HTML 79Page - STMicroelectronics AN3128 Datasheet HTML 80Page - STMicroelectronics AN3128 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
77/105
4.6.11
GL_DrawBMP HAL function
Table 50 describes the GL_DrawBMP function of the hardware abstraction layer.
4.6.12
GL_SetFont HAL function
Table 51 describes the GL_SetFont function of the hardware abstraction layer.
4.6.13
GL_BackLightSwitch HAL function
Table 52 describes the GL_BackLightSwitch function of the hardware abstraction layer.
Table 50.
GL_DrawBMP
Name
Description
Function name
GL_DrawBMP
Function prototype
void GL_DrawBMP (GL_uint8_t* ptrBitmap)
Behavior description
Displays a bitmap picture
Input parameter {x}
BmpAddress: Bmp picture address
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
None
Table 51.
GL_SetFont
Name
Description
Function name
GL_SetFont
Function prototype
void GL_SetFont (GL_uint8_t uFont)
Behavior description
Sets the font (big or small)
Input parameter {x}
uFont: specifies the font (GL_FONT_BIG or GL_FONT_SMALL)
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
None
Table 52.
GL_BackLightSwitch
Name
Description
Function name
GL_BackLightSwitch
Function prototype
void GL_BackLightSwitch (GL_uint8_t uint8_t_State)
Behavior description
Switches the backlight either ON or OFF
Input parameter {x}
State: ON or OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More