Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 92 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 92 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 88Page - STMicroelectronics AN3128 Datasheet HTML 89Page - STMicroelectronics AN3128 Datasheet HTML 90Page - STMicroelectronics AN3128 Datasheet HTML 91Page - STMicroelectronics AN3128 Datasheet HTML 92Page - STMicroelectronics AN3128 Datasheet HTML 93Page - STMicroelectronics AN3128 Datasheet HTML 94Page - STMicroelectronics AN3128 Datasheet HTML 95Page - STMicroelectronics AN3128 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
92/105
Doc ID 16918 Rev 5
4.6.44
GL_RCC_AHBPeriphClockCmd HAL function
Table 83 describes the GL_RCC_AHBPeriphClockCmd function of the hardware abstraction
layer.
Behavior description
Enables or disables the high speed APB (APB1 or APB2) peripheral clock.
Input parameter {x}
RCC_APBPeriph: specifies the APB peripheral to gate its clock.
NewState: new state of the specified peripheral clock. This parameter can
be: Enable or Disable.
APB_Selector: this parameter selects the APB bus, 1 for APB1 and 2 for
APB2.
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
None
Table 82.
GL_RCC_APBPeriphClockCmd (continued)
Name
Description
Table 83.
GL_RCC_AHBPeriphClockCmd
Name
Description
Function name
GL_RCC_AHBPeriphClockCmd
Function prototype
void GL_RCC_AHBPeriphClockCmd (GL_uint32_t RCC_AHBPeriph,
GL_FunctionalState NewState);
Behavior description
Enables or disables the AHB peripheral clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More