Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 40Page - STMicroelectronics AN3128 Datasheet HTML 41Page - STMicroelectronics AN3128 Datasheet HTML 42Page - STMicroelectronics AN3128 Datasheet HTML 43Page - STMicroelectronics AN3128 Datasheet HTML 44Page - STMicroelectronics AN3128 Datasheet HTML 45Page - STMicroelectronics AN3128 Datasheet HTML 46Page - STMicroelectronics AN3128 Datasheet HTML 47Page - STMicroelectronics AN3128 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
44/105
Doc ID 16918 Rev 5
4.1.22
SetIconImage API global function
Table 27 describes the SetIconImage function:
Example:
...
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Icon Object and add it with specified coordinates to a
Page Object */
GL_PageControls_TypeDef* MyIcon = NewIcon("MyIcon",(GL_uint8_t*)myImage1,90,90,
IconFunc);
AddPageControlObj((uint16_t)((LCD_Width/2)+45),(uint8_t)((LCD_Height/2)+45),MyIcon,
&page1);
...
void IconFunc(void)
{
if (page1.Page_Active == GL_TRUE)
{
GL_uint8_t* ptrBitmap = GL_NULL;
ptrBitmap = (GL_uint8_t*)myImage2;
SetIconImage( &page1, "MyIcon", ptrBitmap, 90, 90);
RefreshPage( &page1 );
}
}
Table 27.
SetIconImage API function
Name
Description
Function name
SetIconImage
Function prototype
GL_ErrStatus SetIconImage (GL_Page_TypeDef* pPage, char*
objName, GL_uint8_t* pImage)
Behavior description
Return the image pointer of the icon object
Input parameter {x}
*pPage: pointer to page structure
objName: name of the object
pImage: pointer to the image
Width: image width
Height: image height
Output parameter {x}
None
Return value
GL_OK if successful, GL_ERROR otherwise
Required preconditions
None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More