Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 43Page - STMicroelectronics AN3128 Datasheet HTML 44Page - STMicroelectronics AN3128 Datasheet HTML 45Page - STMicroelectronics AN3128 Datasheet HTML 46Page - STMicroelectronics AN3128 Datasheet HTML 47Page - STMicroelectronics AN3128 Datasheet HTML 48Page - STMicroelectronics AN3128 Datasheet HTML 49Page - STMicroelectronics AN3128 Datasheet HTML 50Page - STMicroelectronics AN3128 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
47/105
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a GraphChart Object and add it to a Page Object */
MyGraphChart = NewGraphChart("MyGraphChart", "Hours", "Watt", points, 24, GL_TRUE);
AddPageControlObj( 0, 0, MyGraphChart, &page1 );
...
MyGraphChartPoints={1,2,3,4,5,6,7,8,9,10,11,12,13,14,15,16,17,18,19,20,21,22,23,24};
SetGraphChartPoints( &page1, "MyGraphChart", MyGraphChartPoints, 24 );
Figure 14, 15, 16, show, in detail, the GraphChart object properties and methods which the
final application can use to interact with.
4.1.26
GetObjStatus API global function
Table 31 describes the GetObjStatus function:
Input parameter {x}
*pPage: pointer to page structure
objName: name of the object
data_points[]: the array of points to be plotted on the LCD
n_points: number of points to be plotted
Output parameter {x}
None
Return value
GL_OK if successful, GL_ERROR otherwise
Required preconditions
None
Called functions
No API/HAL layer functions
Table 30.
SetGraphChartPoints API function (continued)
Name
Description
Table 31.
GetObjStatus API function
Name
Description
Function name
GetObjStatus
Function prototype
GL_bool GetObjStatus(GL_Page_TypeDef* pThis, char* objName)
Behavior description
Return the status of the object:
– GL_FALSE: the object is not Hit
– GL_TRUE: the object has been Hit
– NULL: represents that there are no objects with that name (objName).
Input parameter {x}
*pPage: pointer to page structure
objName: name of the object
Output parameter {x}
None
Return value
GL_FALSE, GL_TRUE, or NULL in case no object is defined
Required preconditions None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More