Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 20Page - STMicroelectronics AN3128 Datasheet HTML 21Page - STMicroelectronics AN3128 Datasheet HTML 22Page - STMicroelectronics AN3128 Datasheet HTML 23Page - STMicroelectronics AN3128 Datasheet HTML 24Page - STMicroelectronics AN3128 Datasheet HTML 25Page - STMicroelectronics AN3128 Datasheet HTML 26Page - STMicroelectronics AN3128 Datasheet HTML 27Page - STMicroelectronics AN3128 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
24/105
Doc ID 16918 Rev 5
4.1.2
NewButton API global function
The button object is the most used and its graphical look changes temporarily during the
interaction between the touchscreen or the joystick. In fact there are two looks for the button
as well as for the majority of the others objects.
When the button is pressed, its “graphical look” changes for a few moments and then
returns to the starting aspect.
Inside the button, it's possible to insert a text Label, by which the button width itself depends.
The library automatically fits the width and places the text in the center.
Figure 6.
Button graphical layout
Table 7 describes the NewButton function:
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares & initiates a Button Object and add it with specified coordinates to a
Page Object */
GL_PageControls_TypeDef* TestBtn = NewButton("TestBtn", "Test Button", TestBtnFunc);
AddPageControlObj((uint16_t)((LCD_Width/10)*6), (uint8_t)((LCD_Height/9)*4),
TestBtn, &page1);
Once a button object instance is created using the NewButton function, the button object
itself provides all its features through its internal function pointers.
Table 7.
NewButton API function
Name
Description
Function name
NewButton
Function prototype
GL_PageControls_TypeDef* NewButton (char* oName, char* Label,
void* (*pEventHandler)(void))
Behavior description
Create and initialize a new button object (a C structure)
Input parameter {x}
oName: object name
Label: Label on button
pEventHandler: pointer to function associated to its touch event
Output parameter {x}
None
Return value
The created object pointer or null if the object cannot be created
Required preconditions
None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More