Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 33Page - STMicroelectronics AN3128 Datasheet HTML 34Page - STMicroelectronics AN3128 Datasheet HTML 35Page - STMicroelectronics AN3128 Datasheet HTML 36Page - STMicroelectronics AN3128 Datasheet HTML 37Page - STMicroelectronics AN3128 Datasheet HTML 38Page - STMicroelectronics AN3128 Datasheet HTML 39Page - STMicroelectronics AN3128 Datasheet HTML 40Page - STMicroelectronics AN3128 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
37/105
Example:
GL_ErrStatus errStatus;
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
. . . . . .
/* Adding an object with specified coordinates to a Page Object */
errStatus =
AddPageControlObj((uint16_t)((LCD_Width/10)*7.5),(uint8_t)(LCD_Height/2),
MyGraphicObject, &page1);
Once a PageControl object instance is created using the AddPageControlObj function, the
PageControl object itself provides all its features through its internal function pointers.
Figure 14, 15, 16, show, in detail, the PageControl object properties and methods which the
final application can use to interact with.
4.1.14
DestroyPageControl API global function
Table 19 describes the DestroyPageControl function:
Example:
GL_ErrStatus errStatus;
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
...
/* Adding an object with specified coordinates to a PageControl Object */
errStatus = AddPageControlObj((uint16_t)(LCD_Width/2),(uint8_t)(LCD_Height/2),
MyGraphObj,&page1);
/* De-allocate a Page Object */
DestroyPageControl(page1, "MyGraphicObject");
Once a PageControl object instance is created, it can be destroyed at any time using the
DestroyPageControl function, and its pointer is set to NULL.
Table 19.
DestroyPageControl API function
Name
Description
Function name
DestroyPageControl
Function prototype
GL_ErrStatus DestroyPageControl (GL_Page_TypeDef* pPage, char*
objName)
Behavior description
Free the allocated memory for a PageControl object
Input parameter {x}
*pPage: pointer to page structure
objName: name of the object
Output parameter {x}
None
Return value
GL_OK if successful, GL_ERROR otherwise
Required preconditions
NewXXX must have been called before, where XXX represents a kind of
graphical object
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More