| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3128 Fiches technique(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 Fiches technique(HTML) 89 Page - STMicroelectronics |
|
89 / 105 page ![]() AN3128 Multi-input embedded GUI library firmware Doc ID 16918 Rev 5 89/105 4.6.38 TSC_FLASH_ErasePage HAL function Table 77 describes the TSC_FLASH_ErasePage function of the hardware abstraction layer. 4.6.39 TSC_FLASH_ProgramWord HAL function Table 78 describes the TSC_FLASH_ProgramWord function of the hardware abstraction layer. Input parameter {x} FLASH_FLAG: specifies the Flash flags to clear. This parameter can be any combination of the following values: – TSC_FLASH_FLAG_PGERR: Flash program error flag – TSC_FLASH_FLAG_WRPRTERR: Flash write protected error flag – TSC_FLASH_FLAG_EOP: Flash end of operation flag Output parameter {x} None Return value None Required preconditions None Called functions None Table 76. TSC_FLASH_ClearFlag (continued) Name Description Table 77. TSC_FLASH_ErasePage Name Description Function name TSC_FLASH_ErasePage Function prototype TSC_FLASH_Status TSC_FLASH_ErasePage (GL_uint32_t Page_Address) Behavior description Erases a specified Flash page. Input parameter {x} Page_Address: the page address to be erased. Output parameter {x} None Return value TSC_FLASH_Status: the returned value can be: FLASH_BUSY, FLASH_ERROR_PG, FLASH_ERROR_WRP, FLASH_COMPLETE or FLASH_TIMEOUT. Required preconditions None Called functions None Table 78. TSC_FLASH_ProgramWord Name Description Function name TSC_FLASH_ProgramWord Function prototype TSC_FLASH_Status TSC_FLASH_ProgramWord (GL_uint32_t Address, GL_uint32_t Data) Behavior description Programs a word at a specified address. |