Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 75 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 75 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 71Page - STMicroelectronics AN3128 Datasheet HTML 72Page - STMicroelectronics AN3128 Datasheet HTML 73Page - STMicroelectronics AN3128 Datasheet HTML 74Page - STMicroelectronics AN3128 Datasheet HTML 75Page - STMicroelectronics AN3128 Datasheet HTML 76Page - STMicroelectronics AN3128 Datasheet HTML 77Page - STMicroelectronics AN3128 Datasheet HTML 78Page - STMicroelectronics AN3128 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
75/105
4.6.7
GL_DisplayAdjStringLine HAL function
Table 46 describes the GL_DisplayAdjStringLine function of the hardware abstraction layer.
4.6.8
GL_LCD_DisplayChar HAL function
Table 47 describes the GL_LCD_DisplayChar function of the hardware abstraction layer.
Table 46.
GL_DisplayAdjStringLine
Name
Description
Function name
GL_DisplayAdjStringLine
Function prototype
void GL_DisplayAdjStringLine (GL_uint8_t Line, GL_uint16_t Column,
GL_uint8_t *ptr, GL_bool Transparent_Flag)
Behavior description
Displays a maximum of 20 char on the LCD
Input parameter {x}
Line: the line where the character shape is displayed
*ptr: pointer to the string to display on LCD
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
None
Table 47.
GL_LCD_DisplayChar
Name
Description
Function name
GL_LCD_DisplayChar
Function prototype
void GL_LCD_DisplayChar (uint8_t Line, uint16_t Column, uint8_t Ascii,
GL_bool Transparent_Flag)
Behavior description
Displays one character (16 dots width, 24 dots height)
Input parameter {x}
Line: the line where the character shape is displayed. This parameter can
be one of the following values: Linex: where x can be 0..9
Column: start column address
Ascii: character ascii code, must be between 0x20 and 0x7E
GL_bool Trasparent_Flag, if TRUE it does not print a BackColor
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
GL_LCD_DrawCharTransparent or GL_LCD_DrawChar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More