Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 37Page - STMicroelectronics AN3128 Datasheet HTML 38Page - STMicroelectronics AN3128 Datasheet HTML 39Page - STMicroelectronics AN3128 Datasheet HTML 40Page - STMicroelectronics AN3128 Datasheet HTML 41Page - STMicroelectronics AN3128 Datasheet HTML 42Page - STMicroelectronics AN3128 Datasheet HTML 43Page - STMicroelectronics AN3128 Datasheet HTML 44Page - STMicroelectronics AN3128 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
41/105
AddComboOption (ComboBoxGrp1->objPTR, "Option1", ComboboxFunc);
AddComboOption (ComboBoxGrp1->objPTR, "Option2", ComboboxFunc);
AddComboOption (ComboBoxGrp1->objPTR, "Option3", ComboboxFunc);
AddPageControlObj((uint16_t)((LCD_Width/10)*7),(uint16_t)(LCD_Height/2),ComboBoxGrp1,
&page1);
/* Modify the label in a "Label Object by the active combobox option label" */
Set_Label( &page1, "pageLabel", GetComboOptionLabel(&page1, "ComboBoxGrp1") );
Figure 14, 15, 16, show, in detail, the Combobox object properties and methods which the
final application can use to interact with.
4.1.19
SetComboOptionLabel API global function
Table 24 describes the SetComboOptionLabel function:
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares and initiates a Label Object and add it with specified coordinates to a
Page Object */
GL_PageControls_TypeDef* pageLabel = NewLabel("pageLabel", "Graphic Library",
GL_HORIZONTAL, GL_FONT_BIG, GL_Blue);
AddPageControlObj((uint16_t)((LCD_Width/11)*9),(uint8_t)(LCD_Height/11),pageLabel,
&page1);
/* Declares and initiates a Combobox object */
GL_PageControls_TypeDef* ComboBoxGrp1 = NewComboBoxGrp("ComboBoxGrp1");
AddComboOption (ComboBoxGrp1->objPTR, "Option1", ComboboxFunc);
AddComboOption (ComboBoxGrp1->objPTR, "Option2", ComboboxFunc);
AddComboOption (ComboBoxGrp1->objPTR, "Option3", ComboboxFunc);
AddPageControlObj((uint16_t)((LCD_Width/10)*7),(uint16_t)(LCD_Height/2),ComboBoxGrp1,
&page1);
...
/* Modifying the active combobox option label" */
SetComboOptionLabel(&page1, "ComboBoxGrp1", "NewLabel");
Table 24.
SetComboOptionLabel API function
Name
Description
Function name
SetComboOptionLabel
Function prototype
GL_ErrStatus SetComboOptionLabel(GL_Page_TypeDef* pPage, char*
objName, char* Label)
Behavior description
Set the Label for the active ComboOption
Input parameter {x}
*pPage: pointer to page structure
objName: name of the object
Label: new Label for the active ComboOption object
Output parameter {x}
None
Return value
GL_OK if successful, GL_ERROR otherwise
Required
preconditions
None
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More