| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3128 Fiches technique(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 Fiches technique(HTML) 86 Page - STMicroelectronics |
|
86 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 86/105 Doc ID 16918 Rev 5 4.6.32 GL_JoyStickStateIOEXP HAL function Table 71 describes the GL_JoyStickStateIOEXP function of the hardware abstraction layer. 4.6.33 GL_JoyStickStatePolling HAL function The state acquisition of the joystick is implemented by reading the relative pins with a period of 50 ms in order to easily recognize if one of the joystick commands has been activated for a long period of time. Table 72 describes the GL_JoyStickStatePolling function of the hardware abstraction layer. Input parameter {x} None Output parameter {x} None Return value None Required preconditions None Called functions None Table 70. GL_JoyStickConfig_GPIO (continued) Name Description Table 71. GL_JoyStickStateIOEXP Name Description Function name GL_JoyStickStateIOEXP Function prototype uint32_t GL_JoyStickStateIOEXP(void) Behavior description Return the joystick status Input parameter {x} None Output parameter {x} None Return value The code of the joystick key pressed Required preconditions None Called functions None Table 72. GL_JoyStickConfig_GPIO Name Description Function name GL_JoyStickStatePolling Function prototype uint32_t GL_JoyStickStatePolling (void) Behavior description Return the joystick status Input parameter {x} None Output parameter {x} None Return value The code of the joystick key pressed Required preconditions None Called functions None |