Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 31Page - STMicroelectronics AN3128 Datasheet HTML 32Page - STMicroelectronics AN3128 Datasheet HTML 33Page - STMicroelectronics AN3128 Datasheet HTML 34Page - STMicroelectronics AN3128 Datasheet HTML 35Page - STMicroelectronics AN3128 Datasheet HTML 36Page - STMicroelectronics AN3128 Datasheet HTML 37Page - STMicroelectronics AN3128 Datasheet HTML 38Page - STMicroelectronics AN3128 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
35/105
4.1.12
NewGraphChart API global function
This kind of object is made up of two axes (X and Y) with the relative values printed to the
side, and a certain number of blue columns representing the real distribution of respective
values. The values are saved in a vector of decimal numbers.
A typical example of the application of this object may be reading the distribution of
measured values concerning changing data.
It is possible to change the values of the vectors through the function “SetGraphChartPoints”
defined in the following pages, therefore easily integrating such an object into the
application.
Figure 13.
GraphChart graphical object
Table 17 describes the NewGraphChart function:
Table 17.
NewGraphChart API function
Function name
NewGraphChart
Function prototype
GL_PageControls_TypeDef* NewGraphChart (char* oName, char* LabelX,
char* LabelY, int16_tdata_points[], GL_uint8_t n_points, GL_bool
Background)
Behavior description
Create and initialize a new GraphChart object (a C structure)
Input parameter {x}
oName: object Name
LabelX: Label for the X axis
LabelY: Label for the Y axis
data_points[]: the array of points to be plotted on the LCD pointer to
function associated to its touch event
n_points: number of points to be plotted
Background: select if black background has to be used. This parameter can
be GL_TRUE or GL_FALSE
Output parameter {x}
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More