Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 90 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 90 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 86Page - STMicroelectronics AN3128 Datasheet HTML 87Page - STMicroelectronics AN3128 Datasheet HTML 88Page - STMicroelectronics AN3128 Datasheet HTML 89Page - STMicroelectronics AN3128 Datasheet HTML 90Page - STMicroelectronics AN3128 Datasheet HTML 91Page - STMicroelectronics AN3128 Datasheet HTML 92Page - STMicroelectronics AN3128 Datasheet HTML 93Page - STMicroelectronics AN3128 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
90/105
Doc ID 16918 Rev 5
4.6.40
GL_GPIO_ReadInputDataBit HAL function
Table 79 describes the GL_GPIO_ReadInputDataBit function of the hardware abstraction
layer.
4.6.41
GL_LCD_CtrlLinesWrite HAL function
Table 80 describes the GL_LCD_CtrlLinesWrite function of the hardware abstraction layer.
Input parameter {x}
Address: specifies the address to be programmed.
Data: specifies the data to be programmed
Output parameter {x}
None
Return value
TSC_FLASH_Status: the returned value can be: FLASH_BUSY,
FLASH_ERROR_PG, FLASH_ERROR_WRP, FLASH_COMPLETE or
FLASH_TIMEOUT.
Required preconditions None
Called functions
None
Table 78.
TSC_FLASH_ProgramWord (continued)
Name
Description
Table 79.
GL_GPIO_ReadInputDataBit
Name
Description
Function name
GL_GPIO_ReadInputDataBit
Function prototype
GL_uint8_t GL_GPIO_ReadInputDataBit (GL_PortType * GPIOx,
GL_uint16_t GPIO_Pin)
Behavior description
Reads the specified input port pin.
Input parameter {x}
GPIOx: where x can be (A..G) to select the GPIO peripheral.
GPIO_Pin: specifies the port bit to read. This parameter can be
GPIO_Pin_x where x can be (0..15).
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
None
Table 80.
GL_LCD_CtrlLinesWrite
Name
Description
Function name
GL_LCD_CtrlLinesWrite
Function prototype
void GL_LCD_CtrlLinesWrite (GL_PortType* GPIOx, uint16_t CtrlPins,
GL_SignalActionType BitVal)
Behavior description
Sets or resets LCD control lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More