Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3128 Fiches technique(PDF) 102 Page - STMicroelectronics

No de pièce AN3128
Description  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Fiches technique(HTML) 102 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 97Page - STMicroelectronics AN3128 Datasheet HTML 98Page - STMicroelectronics AN3128 Datasheet HTML 99Page - STMicroelectronics AN3128 Datasheet HTML 100Page - STMicroelectronics AN3128 Datasheet HTML 101Page - STMicroelectronics AN3128 Datasheet HTML 102Page - STMicroelectronics AN3128 Datasheet HTML 103Page - STMicroelectronics AN3128 Datasheet HTML 104Page - STMicroelectronics AN3128 Datasheet HTML 105Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 105 page
background image
Embedded GUI resource editor application
AN3128
102/105
Doc ID 16918 Rev 5
1.
Create and configure embedded GUI library objects
2.
Display and update screens
●
uiframework.h:
–
contains the declaration of all the functions and constants used in the
uiframework.c.
In the resource editor GUI, the user can set the output path of the files. When the output is
generated, it is dumped in the specified folders.
For the first time the user needs to change the main.c of his project.
The files are formatted and commented to enable the Doxygen tool to generate
documentation for the files. To work with the output files generated by the GUI, the
developer must make a few changes:
●
The user must include all three header files in the main.c file
●
The user must call Show_HomeScreen() after all the initialization has taken place on
the hardware
●
The user needs to compile the updated source code and burn it on the firmware.
6.4
Integration with the embedded project
The user must include the following generated files in the project:
●
pictures.c
●
pictures.h
●
uiappuser.c
●
uiappuser.h
●
uiframework.c
●
uiframework.h
The user also needs to include the embedded GUI library files in the project. The GUI library
can either be in the form of source files or the object file (along with the header) depending
on the distribution. The joystick and/or the touchscreen should also be configured in the
main.c.
To start the GUI, call the function Show_HomeScreen() in the user application. The user can
write functions to call their code in event handlers present in uiappuser.c. A sample project,
configured to work with an embedded GUI library, is provided with the distribution for
reference purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More