Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 43 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 43 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 36Page - SMSC Corporation EMC2302 Datasheet HTML 37Page - SMSC Corporation EMC2302 Datasheet HTML 38Page - SMSC Corporation EMC2302 Datasheet HTML 39Page - SMSC Corporation EMC2302 Datasheet HTML 40Page - SMSC Corporation EMC2302 Datasheet HTML 41Page - SMSC Corporation EMC2302 Datasheet HTML 42Page - SMSC Corporation EMC2302 Datasheet HTML 43Page - SMSC Corporation EMC2302 Datasheet HTML 44Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2302
43
Revision 1.1 (10-12-09)
DATASHEET
Chapter 7 Package Drawing
7.1
EMC2302 Package Information
Figure 7.1 EMC2302 Package Drawing - 10-Pin MSOP
A
A2
A1
SEATING PLANE
SIDE VIEW
ccc C
GAUGE PLANE
H
3-D VIEW
TOP VIEW
C
3
2
END VIEW
4
3
5
DETAI L "A"
NOTES:
1. ALL DI MENSIONS ARE IN MILLI METER.
2. TOLERANCE ON THE TRUE POSITION OF EACH LEAD IS ± 0.04 mm AT MAXIMUM MATERIAL
CONDITION.
3. PACKAGE BODY DIMENSI ONS "D" AND "E1" DO NOT INCLUDE MOLD/INTERLEAD PROTRUSIONS
OR FLASH. MAXIMUM MOLD PROTRUSIONS OR FLASH I S 0. 15 mm (0.006 INCHES) PER END AND
SIDE. DIMENSIONS "D" AND "E1" ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE
PLASTIC BODY, I NCLUDING ANY MISMATCH BETWEEN TOP AND BOTTOM PLASTI C BODY. THEY
ARE DETERMI NED AT DATUM PLANE "H".
4. DIMENSIONS "b" AND "c" APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN 0.08 mm AND
0.15 mm FROM THE LEAD TIP.
5. DETAILS OF THE PIN 1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHI N THE ZONE
INDICATED.
A
INITIA L RELEASE
3/29/05
S. K.ILIEV
c
SEE DETAIL "A"
e
D
E1
E
PIN 1 IDENTIFIER
AREA (D/2 X E1/2)
10X b
L
(0.95)
0.25
0° - 8°
DI M A ND T OL PER ASME Y14.5M - 1994
FINISH
MA TERIAL
DECIM AL
X.X
X.XX
X.XXX
80 ARKA YDRIVE
HAUP PA UGE, NY 11788
USA
ANGULAR
PRINT WIT H "SCALETO FIT"
DO NOT S CALE DRAWING
CH ECKED
APPR OVED
NAM E
DRAWN
DWG NUM BER
SC ALE
TITLE
DAT E
STD COM PL IANCE
UNLESS OTHERWISE SPE CIFIED
DIM ENSI ONS AREIN MILLIMETERS
AND T OLERANCES ARE:
THIR D ANG L E PRO J ECTION
REV
SHEET
REVISION
DESCRIPTION
REV ISIO N HISTORY
RELEASEDBY
DA TE
PACKAGE OUTLINE
10 PIN TSSO P, 3x3 MM BODY, 0.50 MM PITCH
±1 °
-
-
±0.1
±0.05
±0.025
S.K.IL IEV
S.K.IL IEV
S.K.IL IEV
3/29 /0 5
3/29 /0 5
1:1
3/29 /0 5
MO-10-TSSOP-3x3
JEDEC : MO-187
1 OF 1
A
C
SEATINGPLANE
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com