Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 35 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 35 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 31Page - SMSC Corporation EMC2302 Datasheet HTML 32Page - SMSC Corporation EMC2302 Datasheet HTML 33Page - SMSC Corporation EMC2302 Datasheet HTML 34Page - SMSC Corporation EMC2302 Datasheet HTML 35Page - SMSC Corporation EMC2302 Datasheet HTML 36Page - SMSC Corporation EMC2302 Datasheet HTML 37Page - SMSC Corporation EMC2302 Datasheet HTML 38Page - SMSC Corporation EMC2302 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2302
35
Revision 1.1 (10-12-09)
DATASHEET
5.13
Fan Max Step Registers
The Fan Max Step registers, along with the Update Time, control the ramp rate of the fan driver
response calculated by the RPM-based Fan Speed Control Algorithm. The value of the register
represents the maximum step size each fan driver will take between update times (see Section 5.9).
When the FSC algorithm is enabled, Ramp Rate control is automatically used. When the FSC is not
active, then Ramp Rate control can be enabled by asserting the EN_RRC bit (see Section 5.10).
APPLICATION NOTE: The UPDATE bits and Fan Step Register settings operate independently of the RPM-based
Fan Speed Control Algorithm and will always limit the fan drive setting. That is, if the
programmed fan drive setting (either as determined by the RPM-based Fan Speed Control
Algorithm or by manual settings) exceeds the current fan drive setting by greater than the
Fan Step Register setting, the EMC2302 will limit the fan drive change to the value of the
Fan Step Register. It will use the Update Time to determine how often to update the drive
settings.
APPLICATION NOTE: If the Fan Speed Control Algorithm is used, the default settings in the Fan Configuration 2
Register will cause the maximum fan step settings to be ignored.
The Fan Max Step registers are software locked.
Table 5.22 Spin Time
SPINUP_TIMEX[1:0]
TOTAL SPIN UP TIME
10
0
0
250 ms
0
1
500 ms (default)
1
0
1 sec
1
1
2 sec
Table 5.23 Fan Max Step Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
37h
R/W
Fan 1 Max
Step
-
-
32
16
8
4
2
1
10h
47h
R/W
Fan 2 Max
Step
-
-
32
16
8
4
2
1
10h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com