Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 38 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 38 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 34Page - SMSC Corporation EMC2302 Datasheet HTML 35Page - SMSC Corporation EMC2302 Datasheet HTML 36Page - SMSC Corporation EMC2302 Datasheet HTML 37Page - SMSC Corporation EMC2302 Datasheet HTML 38Page - SMSC Corporation EMC2302 Datasheet HTML 39Page - SMSC Corporation EMC2302 Datasheet HTML 40Page - SMSC Corporation EMC2302 Datasheet HTML 41Page - SMSC Corporation EMC2302 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
38
SMSC EMC2302
DATASHEET
The Tach Target is not applied until the high byte is written. Once the high byte is written, the current
value of both high and low bytes will be used as the next Tach target.
5.18
TACH Reading Registers
The TACH Reading Registers’ contents describe the current tachometer reading for each of the fans.
By default, the data represents the fan speed as the number of 32kHz clock periods that occur for a
single revolution of the fan.
Equation [2] shows the detailed conversion from TACH measurement (COUNT) to RPM while Equation
[3] shows the simplified translation of TACH Reading Register count to RPM assuming a 2-pole fan,
measuring 5 edges, with a frequency of 32.768kHz. These equations are solved and tabulated for ease
of use in AN17.4 RPM to TACH Counts Conversion.
Whenever the high byte register is read, the corresponding low byte data will be loaded to internal
shadow registers so that when the low byte is read, the data will always coincide with the previously
read high byte.
Table 5.28 TACH Reading Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
3Eh
R
Fan 1 TACH
4096
2048
1024
512
256
128
64
32
FFh
3Fh
R
Fan 1 TACH
Low Byte
16
84
21
-
-
-
F8h
4Eh
R
Fan 2 TACH
4096
2048
1024
512
256
128
64
32
FFh
4Fh
R
Fan 2 TACH
Low Byte
16
84
21
-
-
-
F8h
where:
[2]
poles = number of poles of the fan
(typically 2)
fTACH = the tachometer
measurement frequency (typically
32.768kHz)
n = number of edges measured
(typically 5 for a 2 pole fan)
m = the multiplier defined by the
RANGE bits
[3]
COUNT = TACH Reading Register
value (in decimal)
RPM
1
poles
()
--------------------
n
1
()
COUNT
1
m
-----
×
----------------------------------
f
TACH
60
×
×
×
=
RPM
3,932,160
m
×
COUNT
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com