Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 15 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 15 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 11Page - SMSC Corporation EMC2302 Datasheet HTML 12Page - SMSC Corporation EMC2302 Datasheet HTML 13Page - SMSC Corporation EMC2302 Datasheet HTML 14Page - SMSC Corporation EMC2302 Datasheet HTML 15Page - SMSC Corporation EMC2302 Datasheet HTML 16Page - SMSC Corporation EMC2302 Datasheet HTML 17Page - SMSC Corporation EMC2302 Datasheet HTML 18Page - SMSC Corporation EMC2302 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2302
15
Revision 1.1 (10-12-09)
DATASHEET
3.2.6
Block Read Protocol
The Block Read is used to read multiple data bytes from a group of contiguous registers as shown in
Table 3.7. It is an extension of the Read Byte Protocol.
3.2.7
Alert Response Address
The ALERT# output can be used as a processor interrupt or as an SMBus Alert when configured to
operate as an interrupt.
When it detects that the ALERT# pin is asserted, the host will send the Alert Response Address (ARA)
to the general address of 0001_100xb. All devices with active interrupts will respond with their client
address as shown in Table 3.8.
The EMC2302 will respond to the ARA in the following way if the ALERT# pin is asserted.
1. Send Slave Address and verify that full slave address was sent (i.e. the SMBus communication
from the device was not prematurely stopped due to a bus contention event).
2. Set the MASK bit to clear the ALERT# pin.
Table 3.7 Block Read Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
START
SLAVE
ADDRESS
RD
ACK
REGISTER
DATA
1->0
YYYY_YYYb
0
0
XXh
0
1 ->0
YYYY_YYYb
1
0
XXh
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
REGISTER
DATA
ACK
. . .
REGISTER
DATA
NACK
STOP
0
XXh
0
XXh
0
XXh
0
. . .
XXh
1
0 -> 1
Table 3.8 Alert Response Address Protocol
START
ALERT
RESPONSE
ADDRESS
RD
ACK
DEVICE
ADDRESS
NACK
STOP
1 -> 0
0001_100b
1
0
YYYY_YYYb
1
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com