Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 20 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 20 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 16Page - SMSC Corporation EMC2302 Datasheet HTML 17Page - SMSC Corporation EMC2302 Datasheet HTML 18Page - SMSC Corporation EMC2302 Datasheet HTML 19Page - SMSC Corporation EMC2302 Datasheet HTML 20Page - SMSC Corporation EMC2302 Datasheet HTML 21Page - SMSC Corporation EMC2302 Datasheet HTML 22Page - SMSC Corporation EMC2302 Datasheet HTML 23Page - SMSC Corporation EMC2302 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
20
SMSC EMC2302
DATASHEET
After the Spin Up Routine has finished, the EMC2302 measures the TACHx signal. If the measured
TACH Reading Register value is higher than the Valid TACH Count Register setting, the FAN_SPIN
status bit is set and the Spin Up Routine will automatically attempt to restart the fan.
Figure 4.2 shows an example of the Spin Up Routine in response to a programmed fan speed change
based on the first condition above.
4.7
Ramp Rate Control
The Fan Driver can be configured with automatic ramp rate control. Ramp rate control is accomplished
by adjusting the drive output settings based on the Maximum Fan Step Register settings and the
Update Time settings.
If the RPM-based Fan Speed Control Algorithm is used, then this ramp rate control is automatically
used. The user programs a maximum step size for the fan drive setting and an update time. The
update time varies from 100ms to 1.6s while the fan drive maximum step can vary from 1 count to 31
counts.
When a new fan drive setting is entered, the delta from the next fan drive setting and the previous fan
drive setting is determined. If this delta is greater than the Max Step settings, then the fan drive setting
is incrementally adjusted every 100ms to 1.6s as determined by the Update Time until the target fan
drive setting is reached. See Figure 4.3.
Figure 4.2 Spin Up Routine
100%
(optional)
30% through 65%
Algorithm controlled drive
Fan Step
Spin Up Time
¼ of Spin Up Time
Update Time
Target Count
Changed
Target Count
Reached
New Target Count
Prev Target
Count = FFh
Check TACH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com