Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 25 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 25 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 21Page - SMSC Corporation EMC2302 Datasheet HTML 22Page - SMSC Corporation EMC2302 Datasheet HTML 23Page - SMSC Corporation EMC2302 Datasheet HTML 24Page - SMSC Corporation EMC2302 Datasheet HTML 25Page - SMSC Corporation EMC2302 Datasheet HTML 26Page - SMSC Corporation EMC2302 Datasheet HTML 27Page - SMSC Corporation EMC2302 Datasheet HTML 28Page - SMSC Corporation EMC2302 Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2302
25
Revision 1.1 (10-12-09)
DATASHEET
During Power-On-Reset (POR), the default values are stored in the registers. A POR is initiated when
power is first applied to the part and the voltage on the VDD supply surpasses the POR level as
specified in the electrical characteristics. Any reads to undefined registers will return 00h. Writes to
undefined registers will not have an effect.
5.1.1
Lock Entries
The Lock Column describes the locking mechanism, if any, used for individual registers. All SWL
registers are Software Locked and therefore made read-only when the LOCK bit is set.
5.2
Configuration Register
The Configuration Register controls the basic functionality of the EMC2302. The bits are described
below. The Configuration Register is software locked.
Bit 7 - MASK - Blocks the ALERT# pin from being asserted.
49h
R/W
Fan 2 Valid TACH
Count
Holds the tachometer reading that
indicates Fan 2 is spinning properly
F5h
SWL
Page 36
4Ah
R/W
Fan 2 Drive Fail
Band Low Byte
Stores the number of Tach counts used
to determine how the actual fan speed
must match the target fan speed at full
scale drive
00h
SWL
Page 37
4Bh
R/W
Fan 2 Drive Fail
Band High Byte
00h
SWL
4Ch
R/W
TACH 2 Target
Low Byte
Holds the target tachometer setting low
byte for Fan 2
F8h
No
Page 37
4Dh
R/W
TACH 2 Target
High Byte
Holds the target tachometer setting high
byte for Fan 2
FFh
No
Page 37
4Eh
R
TACH 2 Reading
High Byte
Holds the tachometer reading high byte
for Fan 2
FFh
No
Page 38
4Fh
R
TACH 2 Reading
Low Byte
Holds the tachometer reading low byte
for Fan 2
F8h
No
Page 38
Lock Register
EF
R/W
Software Lock
Locks all SWL registers
00h
SWL
Page 39
Revision Registers
FDh
R
Product ID
Stores the unique Product ID
36h
No
Page 39
FEh
R
Manufacturer ID
Stores the Manufacturer ID
5Dh
No
Page 39
FFh
R
Revision
Revision
80h
No
Page 39
Table 5.2 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
20h
R/W
Configuration
MASK
DIS_TO
WD_EN
-
-
-
DR_EXT_
CLK
USE_
EXT_
CLK
40h
Table 5.1 EMC2302 Register Set (continued)
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com