Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 42 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 42 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 36Page - SMSC Corporation EMC2302 Datasheet HTML 37Page - SMSC Corporation EMC2302 Datasheet HTML 38Page - SMSC Corporation EMC2302 Datasheet HTML 39Page - SMSC Corporation EMC2302 Datasheet HTML 40Page - SMSC Corporation EMC2302 Datasheet HTML 41Page - SMSC Corporation EMC2302 Datasheet HTML 42Page - SMSC Corporation EMC2302 Datasheet HTML 43Page - SMSC Corporation EMC2302 Datasheet HTML 44Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
42
SMSC EMC2302
DATASHEET
PWM Frequency vs. Ambient Temperature
V
DD = 3.3V, Base Frequncy = 26Khz
25000
25200
25400
25600
25800
26000
26200
26400
26600
26800
27000
-50
0
50
100
150
T emp er at ur e ( C )
Ambient Temperature (°C)
PWM Frequency vs. Supply Voltage
TA = 25C, Base Frequncy = 26Khz
25000
25200
25400
25600
25800
26000
26200
26400
26600
26800
27000
2.95
3.05
3.15
3.25
3.35
3.45
3.55
3.65
Supply Voltage (V)
PWM
Output
10x
Zoom on
PWM
Output
Spin Time = 1.0s; Spin Level = 55%; Updated Time = 200ms;
RPM Target from 0 RPM -> 8000 RPM @ time t = 0
FSC Algorithm Spin Up Routine
t = 0
Duty Cycle Measured = 53.8%
PWM
Output
10x
Zoom on
PWM
Output
Spin Time = 1.0s; Spin Level = 50%; UpdateTime = 200ms;
RPM Target from 0 RPM -> 8000 RPM @ time t = 0
FSC Algorithm Spin Up Routine – NoKick
t = 0
Duty Cycle Measured = 50%
PWM
Output
10x
Zoom on
PWM
Output
Update Time = 200ms; Max Step = 16 PWM counts
RPM Target from 0 RPM -> 8000 RPM @ time t = 0
FSC Algorithm PWM Ramping
Spin Up Routine Ends – begins normal
operation
Update Time ends, PWM duty cycle changed
Update Time ends, PWM duty
cycle changed
Duty Cycle
Measured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com