Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 26 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 26 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 22Page - SMSC Corporation EMC2302 Datasheet HTML 23Page - SMSC Corporation EMC2302 Datasheet HTML 24Page - SMSC Corporation EMC2302 Datasheet HTML 25Page - SMSC Corporation EMC2302 Datasheet HTML 26Page - SMSC Corporation EMC2302 Datasheet HTML 27Page - SMSC Corporation EMC2302 Datasheet HTML 28Page - SMSC Corporation EMC2302 Datasheet HTML 29Page - SMSC Corporation EMC2302 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
26
SMSC EMC2302
DATASHEET
‘0’ (default) - The ALERT# pin is unmasked. If any bit in either status register is set, the ALERT#
pins will be asserted (unless individually masked via the Mask Register).
‘1’ - The ALERT# pin is masked and will not be asserted.
Bit 6 - DIS_TO - Disables the SMBus timeout function for the SMBus client (if enabled).
‘0’ - The SMBus timeout function is enabled.
‘1’ (default) - The SMBus timeout function is disabled allowing the device to be fully I2C compliant.
Bit 5 - WD_EN - Enables the Watchdog timer to operate in Continuous Mode (see Section 4.8.2).
‘0’ (default) - The Watchdog timer does not operate continuously. It will function upon power up and
at no other time.
‘1’ - The Watchdog timer operates continuously as described in Section 4.8.
Bit 1 - DR_EXT_CLK - Enables the internal tachometer clock to be driven out on the CLK pin so that
multiple devices can be synced to the same source.
‘0’ (default) - The CLK pin acts as a clock input.
‘1’ - The CLK pin acts as a clock output and is a push-pull driver.
Bit 0 - USE_EXT_CLK - Enables the EMC2302 to use a clock present on the CLK pin as the
tachometer clock. If the DR_EXT_CLK bit is set, then this bit is ignored and the device will use the
internal oscillator.
‘0’ (default) - The EMC2302 will use its internal oscillator for all Tachometer measurements.
‘1’ - The EMC2302 will use the oscillator presented on the CLK pin for all Tachometer
measurements.
5.3
Fan Status Registers
The Fan Status registers contain the status bits associated with each fan driver.
5.3.1
Fan Status - 24h
The Fan Status register indicates that one or both of the fan drivers has stalled or failed or that the
Watchdog Timer has expired (see Section 4.8).
Bit 7 - WATCH - Indicates that the Watchdog Timer has expired. When set, each fan is driven to 100%
duty cycle and will remain at 100% duty cycle until they are programmed. This bit is cleared when it
is read.
Table 5.3 Fan Status Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
24h
R-C
Fan Status
WATCH
-
-
-
-
DRIVE_
FAIL
FAN_
SPIN
FAN_
STALL
00h
25h
R-C
Fan Stall
Status
-
-
-
-
-
-
FAN2_
STALL
FAN1_
STALL
00h
26h
R-C
Fan Spin
Status
-
-
-
-
-
-
FAN2_
SPIN
FAN1_
SPIN
00h
27h
R-C
Fan Drive
Fail Status
--
-
-
-
-
DRIVE_
FAIL2
DRIVE_
FAIL1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com