Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 29 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 29 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 25Page - SMSC Corporation EMC2302 Datasheet HTML 26Page - SMSC Corporation EMC2302 Datasheet HTML 27Page - SMSC Corporation EMC2302 Datasheet HTML 28Page - SMSC Corporation EMC2302 Datasheet HTML 29Page - SMSC Corporation EMC2302 Datasheet HTML 30Page - SMSC Corporation EMC2302 Datasheet HTML 31Page - SMSC Corporation EMC2302 Datasheet HTML 32Page - SMSC Corporation EMC2302 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2302
29
Revision 1.1 (10-12-09)
DATASHEET
Bits 3-2 - PWM_BASE2[1:0] - Determines the base frequency of the PWM2 driver.
Bits 1-0 - PWM_BASE1[1:0] - Determines the base frequency of the PWM1 driver.
5.7
Fan Setting Registers
The Fan Setting register always displays the current setting of the respective fan driver. Reading from
any of the registers will report the current fan speed setting of the appropriate fan driver regardless of
the operating mode. Therefore it is possible that reading from this register will not report data that was
previously written into this register.
While the RPM-based Fan Speed Control Algorithm is active, the register is read only. Writing to the
register will have no effect and the data will not be stored.
The contents of the register represent the weighting of each bit in determining the final output voltage.
The output drive for a PWM output is given by Equation [1].
5.8
PWM Divide Registers
The PWM Divide registers determine the final frequency of the respective PWM Fan Driver. Each driver
base frequency is divided by the value of the respective PWM Divide Register to determine the final
Table 5.7 PWM_BASEx[1:0] Bit Decode
PWM_BASEX[1:0]
BASE FREQUENCY
10
0
0
26.00kHz (default)
0
1
19.531kHz
1
0
4,882Hz
1
1
2,441Hz
Table 5.8 Fan Driver Setting Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
30h
R/W
Fan 1 Setting
128
64
32
16
8
4
2
1
00h
40h
R/W
Fan 2 Setting
128
64
32
16
8
4
2
1
00h
[1]
Table 5.9 PWM Divide Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
31h
R/W
Fan 1 Divide
128
64
32
16
8
4
2
1
01h
41h
R/W
Fan 2 Divide
128
64
32
16
8
4
2
1
01h
Drive
VALUE
255
---------------------
⎝⎠
⎛⎞
100%
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com