Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 30 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 30 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 26Page - SMSC Corporation EMC2302 Datasheet HTML 27Page - SMSC Corporation EMC2302 Datasheet HTML 28Page - SMSC Corporation EMC2302 Datasheet HTML 29Page - SMSC Corporation EMC2302 Datasheet HTML 30Page - SMSC Corporation EMC2302 Datasheet HTML 31Page - SMSC Corporation EMC2302 Datasheet HTML 32Page - SMSC Corporation EMC2302 Datasheet HTML 33Page - SMSC Corporation EMC2302 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
30
SMSC EMC2302
DATASHEET
frequency. The duty cycle settings are not affected by these settings, only the final frequency of the
PWM driver. A value of 00h will be decoded as 01h.
5.9
Fan Configuration 1 Registers
The Fan Configuration 1 registers control the general operation of the RPM-based Fan Speed Control
Algorithm used for the respective Fan Driver.
Bit 7 - EN_ALGOx - enables the RPM-based Fan Speed Control Algorithm.
‘0’ - (default) the control circuitry is disabled and the fan driver output is determined by the Fan
Driver Setting Register.
‘1’ - the control circuitry is enabled and the Fan Driver output will be automatically updated to
maintain the programmed fan speed as indicated by the TACH Target Register.
Bits 6- 5 - RANGEx[1:0] - Adjusts the range of reported and programmed tachometer reading values.
The RANGE bits determine the weighting of all TACH values (including the Valid TACH Count, TACH
Target, and TACH reading) as shown in Table 5.11.
Bits 4-3 - EDGESx[1:0] - determines the minimum number of edges that must be detected on the
TACHx signal to determine a single rotation. A typical fan measured 5 edges (for a 2-pole fan). For
more accurate tachometer measurement, the minimum number of edges measured may be increased.
Increasing the number of edges measured with respect to the number of poles of the fan will cause
the TACH Reading registers to indicate a fan speed that is higher or lower than the actual speed. In
order for the FSC Algorithm to operate correctly, the TACH Target must be updated by the user to
accommodate this shift. The Effective Tach Multiplier shown in Table 5.12 is used as a direct multiplier
term that is applied to the Actual RPM to achieve the Reported RPM. It should only be applied if the
number of edges measured does not match the number of edges expected based on the number of
poles of the fan (which is fixed for any given fan).
Contact SMSC for recommended settings when using fans with more or less than 2 poles.
Table 5.10 Fan Configuration 1 Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
32h
R/W
Fan 1
Configuration 1
EN_
ALGO1
RANGE1[1:0]
EDGES1[1:0]
UPDATE1[2:0]
2Bh
42h
R/W
Fan 2
Configuration 1
EN_
ALGO2
RANGE2[1:0]
EDGES2[1:0]
UPDATE2[2:0]
2Bh
Table 5.11 Range Decode
RANGEX[1:0]
REPORTED MINIMUM
RPM
TACH COUNT
MULTIPLIER
10
00
500
1
0
1
1000 (default)
2
1
0
2000
4
1
1
4000
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com