Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 24 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 24 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 20Page - SMSC Corporation EMC2302 Datasheet HTML 21Page - SMSC Corporation EMC2302 Datasheet HTML 22Page - SMSC Corporation EMC2302 Datasheet HTML 23Page - SMSC Corporation EMC2302 Datasheet HTML 24Page - SMSC Corporation EMC2302 Datasheet HTML 25Page - SMSC Corporation EMC2302 Datasheet HTML 26Page - SMSC Corporation EMC2302 Datasheet HTML 27Page - SMSC Corporation EMC2302 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
24
SMSC EMC2302
DATASHEET
36h
R/W
Fan 1 Spin Up
Configuration
Sets the configuration values for Spin
Up Routine of the Fan 1 driver
19h
SWL
Page 33
37h
R/W
Fan 1 Max Step
Sets the maximum change per update
for the Fan 1 driver
10h
SWL
Page 35
38h
R/W
Fan 1 Minimum
Drive
Sets the minimum drive value for the
Fan 1 driver
66h
(40%)
SWL
Page 36
39h
R/W
Fan 1 Valid TACH
Count
Holds the tachometer reading that
indicates Fan 1 is spinning properly
F5h
SWL
Page 36
3Ah
R/W
Fan 1 Drive Fail
Band Low Byte
Stores the number of Tach counts used
to determine how the actual fan speed
must match the target fan speed at full
scale drive
00h
SWL
Page 37
3Bh
R/W
Fan 1 Drive Fail
Band High Byte
00h
SWL
3Ch
R/W
TACH 1 Target
Low Byte
Holds the target tachometer reading low
byte for Fan 1
F8h
No
Page 37
3Dh
R/W
TACH 1 Target
High Byte
Holds the target tachometer reading
high byte for Fan 1
FFh
No
Page 37
3Eh
R
TACH 1 Reading
High Byte
Holds the tachometer reading high byte
for Fan 1
FFh
No
Page 38
3Fh
R
TACH 1 Reading
Low Byte
Holds the tachometer reading low byte
for Fan 1
F8h
No
Page 38
Fan 2 Control Registers
40h
R/W
Fan 2 Setting
Always displays the most recent fan
driver input setting for Fan 2. If the
RPM-based Fan Speed Control
Algorithm is disabled, allows direct user
control of the fan driver.
00h
No
Page 29
41h
R/W
PWM 2 Divide
Stores the divide ratio to set the
frequency for Fan 2
01h
No
Page 29
42h
R/W
Fan 2
Configuration1
Sets configuration values for the RPM-
based Fan Speed Control Algorithm for
Fan 2
2Bh
No
Page 30
43h
R/W
Fan 2
Configuration 2
Sets additional configuration values for
the Fan 2 driver
28h
SWL
Page 31
45h
R/W
Gain 2
Holds the gain terms used by the RPM-
based Fan Speed Control Algorithm for
Fan 2
2Ah
SWL
Page 33
46h
R/W
Fan 2 Spin Up
Configuration
Sets the configuration values for Spin
Up Routine of the Fan 2 driver
19h
SWL
Page 33
47h
R/W
Fan 2 Max Step
Sets the maximum change per update
for Fan 2
10h
SWL
Page 35
48h
R/W
Fan 2 Minimum
Drive
Sets the minimum drive value for the
Fan 2 driver
66h
(40%)
SWL
Page 36
Table 5.1 EMC2302 Register Set (continued)
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com