Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 33 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 33 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 29Page - SMSC Corporation EMC2302 Datasheet HTML 30Page - SMSC Corporation EMC2302 Datasheet HTML 31Page - SMSC Corporation EMC2302 Datasheet HTML 32Page - SMSC Corporation EMC2302 Datasheet HTML 33Page - SMSC Corporation EMC2302 Datasheet HTML 34Page - SMSC Corporation EMC2302 Datasheet HTML 35Page - SMSC Corporation EMC2302 Datasheet HTML 36Page - SMSC Corporation EMC2302 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2302
33
Revision 1.1 (10-12-09)
DATASHEET
5.11
Gain Registers
The Gain registers store the gain terms used by the proportional and integral portions of each of the
RPM-based Fan Speed Control Algorithms. These gain terms are used as the KD, KI, and KP gain
terms in a classic PID control solution.
Bits 5 - 4 - GAINDX[1:0] - Controls the derivative gain term used by the FSC algorithm as shown in
Table 5.18.
Bits 3-2 - GAINIX[1:0] - Controls the integral gain term used by the FSC algorithm as shown in
Table 5.18.
Bits 1-0 - GAINP[1:0] - Controls the proportional gain term used by the FSC algorithm as shown in
Table 5.18.
5.12
Fan Spin Up Configuration Registers
The Fan Spin Up Configuration registers control the settings of Spin Up Routine. The Fan Spin Up
Configuration registers are software locked.
Bit 7 - 6 - DRIVE_FAIL_CNTx[1:0] - Determines how many update cycles are used for the Drive Fail
detection function as shown in Table 5.20. This circuitry determines whether the fan can be driven to
the desired tach target.
Table 5.17 Gain Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
35h
R/W
Gain 1
Register
-
-
GAIND1[1:0]
GAINI1[1:0]
GAINP1[1:0]
2Ah
45h
R/W
Gain 2
Register
-
-
GAIND2[1:0]
GAINI2[1:0]
GAINP2[1:0]
2Ah
Table 5.18 Gain Decode
GAIND OR GAINP OR GAINI [1:0]
RESPECTIVE GAIN FACTOR
10
00
1x
01
2x
1
0
4x (default)
11
8x
Table 5.19 Fan Spin Up Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
36h
R/W
Fan 1 Spin Up
Configuration
DRIVE_FAIL_
CNT1 [1:0]
NOKICK1
SPIN_LVL1[2:0]
SPINUP_TIME
1 [1:0]
19h
46h
R/W
Fan 2 Spin up
Configuration
DRIVE_FAIL_
CNT2 [1:0]
NOKICK2
SPIN_LVL2[2:0]
SPINUP_TIME
2 [1:0]
19h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com