Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 18 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 18 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 14Page - SMSC Corporation EMC2302 Datasheet HTML 15Page - SMSC Corporation EMC2302 Datasheet HTML 16Page - SMSC Corporation EMC2302 Datasheet HTML 17Page - SMSC Corporation EMC2302 Datasheet HTML 18Page - SMSC Corporation EMC2302 Datasheet HTML 19Page - SMSC Corporation EMC2302 Datasheet HTML 20Page - SMSC Corporation EMC2302 Datasheet HTML 21Page - SMSC Corporation EMC2302 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
18
SMSC EMC2302
DATASHEET
The EMC2302’s RPM-based Fan Speed Control Algorithm has programmable configuration settings
for parameters such as ramp-rate control and spin up conditions. The fan driver automatically detects
and attempts to alleviate a stalled/stuck fan condition while also asserting the ALERT# pin. The
EMC2302 works with fans that operate up to 16,000 RPMs and provide a valid tachometer signal.
The fan controller will function either with an externally supplied 32.768kHz clock source or with it’s
own internal 32kHz oscillator depending on the required accuracy. The EMC2302 offers a clock output
that enables additional devices to be slaved to the same clock source.
4.3.1
Programming the RPM-based Fan Speed Control Algorithm
The RPM-based Fan Speed Control Algorithm is disabled upon device power up. The following
registers control the algorithm. The EMC2302 fan control registers are pre-loaded with defaults that
will work for a wide variety of fans so only the TACH Target Register is required to set a fan speed.
The other fan control registers can be used to fine-tune the algorithm behavior based on application
requirements.
Note that steps 1 - 6 are optional and need only be performed if the default settings do not provide
the desired fan response.
1. Set the Spin Up Configuration Register to the Spin Up Level and Spin Time desired.
2. Set the Fan Step Register to the desired step size.
3. Set the Fan Minimum Drive Register to the minimum drive value that will maintain fan operation.
4. Set the Update Time and Edges options in the Fan Configuration Register.
5. Set the Valid TACH Count Register to the highest tach count that indicates the fan is spinning.
Refer to AN17.4 RPM to TACH Counts Conversion for examples and tables for supported RPM
ranges (500, 1k, 2k, 4k).
6. Set the TACH Target Register to the desired tachometer count.
7. Enable the RPM-based Fan Speed Control Algorithm by setting the EN_ALGO bit.
4.4
Tachometer Measurement
The tachometer measurement circuitry is used in conjunction with the RPM-based Fan Speed Control
Algorithm to update the fan driver output. Additionally, it can be used in Direct Setting mode as a
diagnostic for host based fan control.
This method monitors the TACHx signal in real time. It constantly updates the tachometer
measurement by reporting the number of clocks between a user programmed number of edges on the
TACHx signal (see Table 5.12).
The tachometer measurement provides fast response times for the RPM-based Fan Speed Control
Algorithm and the data is presented as a count value that represents the fan RPM period.
APPLICATION NOTE: The tachometer measurement method works independently of the drive settings. If the
device is put into Direct Setting and the fan drive is set at a level that is lower than the fan
can operate (including zero drive), then the tachometer measurement may signal a Stalled
Fan condition and assert an interrupt.
4.4.1
Stalled Fan
A Stalled fan is detected if the tach counter exceeds the user-programmable Valid TACH Count setting.
If a stall is detected, the device will flag the fan as stalled and trigger an interrupt.
If the RPM-based Fan Speed Control Algorithm is enabled, the algorithm will automatically attempt to
restart the fan until it detects a valid tachometer level or is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com