Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 27 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 27 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 23Page - SMSC Corporation EMC2302 Datasheet HTML 24Page - SMSC Corporation EMC2302 Datasheet HTML 25Page - SMSC Corporation EMC2302 Datasheet HTML 26Page - SMSC Corporation EMC2302 Datasheet HTML 27Page - SMSC Corporation EMC2302 Datasheet HTML 28Page - SMSC Corporation EMC2302 Datasheet HTML 29Page - SMSC Corporation EMC2302 Datasheet HTML 30Page - SMSC Corporation EMC2302 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
SMSC EMC2302
27
Revision 1.1 (10-12-09)
DATASHEET
Bit 2 - DRIVE_FAIL - Indicates that one or both fan drivers cannot meet the programmed fan speed
at maximum PWM duty cycle. This bit is set when any bit in the Fan Drive Fail Status register is set
and cleared when all bits in the Fan Drive Fail Status register are cleared.
Bit 1 - FAN_SPIN - Indicates that one or both fan drivers cannot spin up. This bit is set when any bit
in the Fan Spin Status register is set and cleared when all of the bits in the Fan Spin Status register
are cleared.
Bit 0 - FAN_STALL - Indicates that one or both fan drivers have stalled. This bit is set when any bit in
the Fan Stall Status register is set and cleared when all of the bits in the Fan Stall Status register are
cleared.
5.3.2
Fan Stall Status - 25h
The Fan Stall Status register indicates which fan driver has detected a stalled condition (see
Section 4.4.1). All bits are cleared upon a read if the error condition has been removed.
Bit 1 - FAN2_STALL - Indicates that Fan 2 has stalled.
Bit 0 - FAN1_STALL - Indicates that Fan 1 has stalled.
5.3.3
Fan Spin Status - 26h
The Fan Spin Status register indicates which fan driver has failed to spin-up (see Section 4.6). All bits
are cleared upon a read if the error condition has been removed.
Bit 1 - FAN2_SPIN - Indicates that Fan 2 has failed to spin up.
Bit 0 - FAN_SPIN - Indicates that Fan 1 has failed to spin up.
5.3.4
Fan Drive Fail Status - 27h
The Fan Drive Fail Status register indicates which fan driver cannot drive to the programmed speed
even at 100% duty cycle (see Section 4.4.2 and Section 5.12). All bits are cleared upon a read if the
error condition has been removed.
Bit 1 - DRIVE_FAIL2 - Indicates that Fan 2 cannot reach its programmed fan speed even at 100% duty
cycle. This may be due to an aging fan or invalid programming.
Bit 0 - DRIVE_FAIL1 - Indicates that Fan 1 cannot reach its programmed fan speed even at 100% duty
cycle. This may be due to an aging fan or invalid programming.
5.4
Fan Interrupt Enable Register
The Fan Interrupt Enable controls the masking for each Fan channel. When a channel is enabled, it
will cause the ALERT# pin to be asserted when an error condition is detected.
Bit 1 - FAN2_INT_EN - Allows Fan 2 to assert the ALERT# pin if an error is detected.
Bit 0 - FAN1_INT_EN - Allows Fan 1 to assert the ALERT# pin if an error condition is detected.
Table 5.4 Fan Interrupt Enable Register
ADDR
R/W
REGISTER
B7B6B5B4
B3
B2
B1B0
DEFAULT
29h
R/W
Fan
Interrupt
Enable
----
-
-
FAN2_
INT_EN
FAN1_
INT_EN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com