Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 32 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 32 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 28Page - SMSC Corporation EMC2302 Datasheet HTML 29Page - SMSC Corporation EMC2302 Datasheet HTML 30Page - SMSC Corporation EMC2302 Datasheet HTML 31Page - SMSC Corporation EMC2302 Datasheet HTML 32Page - SMSC Corporation EMC2302 Datasheet HTML 33Page - SMSC Corporation EMC2302 Datasheet HTML 34Page - SMSC Corporation EMC2302 Datasheet HTML 35Page - SMSC Corporation EMC2302 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
32
SMSC EMC2302
DATASHEET
Bit 6 - EN_RRCx - Enables ramp rate control when the corresponding fan driver is operated in the
Direct Setting Mode.
‘0’ (default) - Ramp rate control is disabled. When the fan driver is operating in Direct Setting mode,
the fan setting will instantly transition to the next programmed setting.
‘1’ - Ramp rate control is enabled. When the fan driver is operating in Direct Setting mode, the fan
drive setting will follow the ramp rate controls as determined by the Fan Step and Update Time
settings. The maximum fan drive setting step is capped at the Fan Step setting and is updated
based on the Update Time as given by Table 5.13.
Bit 5 - GLITCH_ENx - Disables the low pass glitch filter that removes high frequency noise injected
on the TACHx pin.
‘0’ - The glitch filter is disabled.
‘1’ (default) - The glitch filter is enabled.
Bits 4 - 3 - DER_OPTx[1:0] - Control some of the advanced options that affect the derivative portion
of the RPM-based Fan Speed Control Algorithm as shown in Table 5.15.
Bit 2 - 1 - ERR_RNGx[1:0] - Control some of the advanced options that affect the error window. When
the measured fan speed is within the programmed error window around the target speed, then the fan
drive setting is not updated. The algorithm will continue to monitor the fan speed and calculate
necessary drive setting changes based on the error; however, these changes are ignored.
Table 5.15 Derivative Options
DER_OPTX[1:0]
OPERATION
10
0
0
No derivative options used
01
Basic derivative. The derivative of the error from
the current drive setting and the target is added
to the iterative Fan Drive Register setting (in
addition to proportional and integral terms)
(default)
10
Step derivative. The derivative of the error from
the current drive setting and the target is added
to the iterative Fan Drive Register setting and is
not capped by the Fan Step Register.
11
Both the basic derivative and the step derivative
are used effectively causing the derivative term to
have double the effect of the derivative term.
Table 5.16 Error Range Options
ERR_RNGX[1:0]
OPERATION
10
0
0
0 RPM (default)
0
1
50 RPM
1
0
100 RPM
1
1
200 RPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com