Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 28 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 28 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 24Page - SMSC Corporation EMC2302 Datasheet HTML 25Page - SMSC Corporation EMC2302 Datasheet HTML 26Page - SMSC Corporation EMC2302 Datasheet HTML 27Page - SMSC Corporation EMC2302 Datasheet HTML 28Page - SMSC Corporation EMC2302 Datasheet HTML 29Page - SMSC Corporation EMC2302 Datasheet HTML 30Page - SMSC Corporation EMC2302 Datasheet HTML 31Page - SMSC Corporation EMC2302 Datasheet HTML 32Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
28
SMSC EMC2302
DATASHEET
‘0’ (default) - An error condition on Fan X will not cause the ALERT# pin to be asserted, however
the status registers will be updated normally.
‘1’ - An error condition (Stall, Spin Up, Drive Fail) on Fan X will cause the ALERT# pin to be
asserted.
5.5
PWM Configuration Registers
The PWM Config registers control the output type and polarity of all PWM outputs.
5.5.1
PWM Polarity Config - 2Ah
Bit 1 - POLARITY2 - Determines the polarity of PWM 2.
Bit 0 - POLARITY1 - Determines the polarity of PWM 1.
‘0’ (default) - the Polarity of the PWM driver is normal. A drive setting of 00h will cause the output
to be set at 0% duty cycle and a drive setting of FFh will cause the output to be set at 100% duty
cycle.
‘1’ - The Polarity of the PWM driver is inverted. A drive setting of 00h will cause the output to be
set at 100% duty cycle and a drive setting of FFh will cause the output to be set at 0% duty cycle.
5.5.2
PWM Output Config - 2Bh
Bit 1 - PWM2_OT - Determines the output type of PWM 2 driver.
Bit 0 - PWM1_OT - Determines the output type of the PWM 1 driver.
‘0’ (default) - The PWM 1 output is configured as an open drain output.
‘1’ - The PWM 1 output is configured as a push-pull output.
5.6
PWM Base Frequency Register
The PWM Base Frequency register determines the base frequency that is used with the PWM Divide
register to determine the final PWM frequency. Each PWM frequency is set by the base frequency and
its respective divide ratio (see Section 5.8).
Controls the base frequency of PWM drivers 1-3 2
Table 5.5 PWM Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
2Ah
R/W
PWM Polarity
Config
---
-
-
-
POLARITY
2
POLARITY
1
00h
2Bh
R/W
PWM Output
Config
-
-
-
-
-
-
PWM2_OT
PWM1_OT
00h
Table 5.6 PWM Base Frequency Register
ADDR
R/W
REGISTER
B7
B6
B5B4B3B2B1B0
DEFAULT
2Dh
R/W
PWM Base
Frequency
--
--
PWM_
BASE
2_1
PWM_
BASE
2_0
PWM_
BASE
1_1
PWM_
BASE
1_0
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com