Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 14 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 14 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 10Page - SMSC Corporation EMC2302 Datasheet HTML 11Page - SMSC Corporation EMC2302 Datasheet HTML 12Page - SMSC Corporation EMC2302 Datasheet HTML 13Page - SMSC Corporation EMC2302 Datasheet HTML 14Page - SMSC Corporation EMC2302 Datasheet HTML 15Page - SMSC Corporation EMC2302 Datasheet HTML 16Page - SMSC Corporation EMC2302 Datasheet HTML 17Page - SMSC Corporation EMC2302 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
14
SMSC EMC2302
DATASHEET
3.2.2
Read Byte
The Read Byte protocol is used to read one byte of data from the registers as shown in Table 3.3.
3.2.3
Send Byte
The Send Byte protocol is used to set the internal address register pointer to the correct address
location. No data is transferred during the Send Byte protocol as shown in Table 3.4.
3.2.4
Receive Byte
The Receive Byte protocol is used to read data from a register when the internal register address
pointer is known to be at the right location (e.g. set via Send Byte). This is used for consecutive reads
of the same register as shown in Table 3.5.
3.2.5
Block Write Protocol
The Block Write is used to write multiple data bytes to a group of contiguous registers as shown in
Table 3.6. It is an extension of the Write Byte Protocol.
Table 3.3 Read Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
Register
Address
ACK
START
Slave
Address
RD
ACK
Register
Data
NACK
STOP
1 -> 0
YYYY_YYYb
0
0
XXh
0
0 -> 1
YYYY_YYYb
1
0
XXh
1
0 -> 1
Table 3.4 Send Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
STOP
1 -> 0
YYYY_YYYb
0
0
XXh
0
0 -> 1
Table 3.5 Receive Byte Protocol
START
SLAVE
ADDRESS
RD
ACK
REGISTER DATA
NACK
STOP
1 -> 0
YYYY_YYYb
1
0
XXh
1
0 -> 1
Table 3.6 Block Write Protocol
START
SLAVE
ADDRESS
WR
ACK
REGISTER
ADDRESS
ACK
REGISTER
DATA
ACK
1 ->0
YYYY_YYYb
0
0
XXh
0
XXh
0
REGISTER
DATA
ACK
REGISTER
DATA
ACK
. . .
REGISTER
DATA
ACK
STOP
XXh
0
XXh
0
. . .
XXh
0
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com