Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2302 Fiches technique(PDF) 16 Page - SMSC Corporation

No de pièce EMC2302
Description  Dual RPM-Based PWM Fan Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2302 Fiches technique(HTML) 16 Page - SMSC Corporation

Back Button EMC2302 Datasheet HTML 12Page - SMSC Corporation EMC2302 Datasheet HTML 13Page - SMSC Corporation EMC2302 Datasheet HTML 14Page - SMSC Corporation EMC2302 Datasheet HTML 15Page - SMSC Corporation EMC2302 Datasheet HTML 16Page - SMSC Corporation EMC2302 Datasheet HTML 17Page - SMSC Corporation EMC2302 Datasheet HTML 18Page - SMSC Corporation EMC2302 Datasheet HTML 19Page - SMSC Corporation EMC2302 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Dual RPM-Based PWM Fan Controller
Datasheet
Revision 1.1 (10-12-09)
16
SMSC EMC2302
DATASHEET
Chapter 4 Product Description
The EMC2302 is an SMBus compliant fan controller with two programmable frequency PWM fan
drivers. The fan drivers can be operated using two modes: the RPM-based Fan Speed Control
Algorithm or the direct fan drive setting.
Figure 4.1 shows a system diagram of the EMC2302.
4.1
Fan Control Modes of Operation
The EMC2302 has two modes of operation for each fan driver. Each mode of operation uses the Ramp
Rate control and Spin Up Routine.
1. Direct Setting Mode - in this mode of operation, the user directly controls the fan drive setting.
Updating the Fan Driver Setting Register (see Section 5.7) will instantly update the PWM fan drive.
Ramp Rate control is optional and enabled via the EN_RRC bits.
Whenever the Direct Setting Mode is enabled, the current drive will be changed to what was
last written into the Fan Driver Setting Register.
2. Fan Speed Control Mode (FSC) - in this mode of operation, the user determines a target
tachometer count and the PWM drive setting is automatically updated to achieve this target speed.
The algorithm uses the Spin Up Routine and has user definable ramp rate controls.
This mode is enabled setting the EN_ALGO bit in the Fan Configuration Register.
Figure 4.1 System Diagram of EMC2302
EMC2302
SMCLK
SMDATA
ALERT#
VDD
3.3V
MCU
TACH1
tachometer
PWM1
Drive
Circuit
TACH2
tachometer
PWM2
Drive
Circuit
32.768KHz Clock
Input or Output
CLK
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com